Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1218CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1218CS8
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1218CS8 Datasheet HTML 5Page - Linear Technology LT1218CS8 Datasheet HTML 6Page - Linear Technology LT1218CS8 Datasheet HTML 7Page - Linear Technology LT1218CS8 Datasheet HTML 8Page - Linear Technology LT1218CS8 Datasheet HTML 9Page - Linear Technology LT1218CS8 Datasheet HTML 10Page - Linear Technology LT1218CS8 Datasheet HTML 11Page - Linear Technology LT1218CS8 Datasheet HTML 12Page - Linear Technology LT1218CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1218/LT1219
TYPICAL PERFORMANCE CHARACTERISTICS
LT1218 Gain and Phase
Shift vs Frequency
FREQUENCY (kHz)
70
60
50
40
30
20
10
0
–10
–20
–30
140
120
100
80
60
40
20
0
–20
–40
–60
1
100
1000
10000
LT1218/19 • TPC12
10
PHASE
GAIN
VS = ±2.5V
LT1219 Gain and Phase
Shift vs Frequency
FREQUENCY (kHz)
70
60
50
40
30
20
10
0
–10
–20
–30
140
120
100
80
60
40
20
0
–20
–40
–60
1
100
1000
10000
LT1218/19 • TPC13
10
PHASE
GAIN
VS = ±2.5V
CL = 0.1µF
Noise Current Spectrum
FREQUENCY (Hz)
1
2.5
2.0
1.5
1.0
0.5
0
10
100
1000
LT1218/19 • TPC11
VS = 5V, 0V
VCM = 4V
VCM = 2.5V
Noise Voltage Spectrum
LT1218 Gain Bandwidth and
Phase Margin vs Supply Voltage
SUPPLY VOLTAGE (V)
0
15
25
LT1218/19 • TPC
510
20
400
350
300
250
200
150
100
50
0
80
70
60
50
40
30
20
10
0
30
PHASE MARGIN
GBW
LT1218 Common Mode Rejection
Ratio vs Frequency
FREQUENCY (kHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LT1218/19 • TPC15
VS = ±2.5V
LT1219 Power Supply Rejection
Ratio vs Frequency
FREQUENCY (kHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LT1218/19 • TPC16
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
FREQUENCY (Hz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LT1218/19 • TPC10
VS = 5V, 0V
VCM = 4V
VCM = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com