Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1218CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1218CS8
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1218CS8 Datasheet HTML 2Page - Linear Technology LT1218CS8 Datasheet HTML 3Page - Linear Technology LT1218CS8 Datasheet HTML 4Page - Linear Technology LT1218CS8 Datasheet HTML 5Page - Linear Technology LT1218CS8 Datasheet HTML 6Page - Linear Technology LT1218CS8 Datasheet HTML 7Page - Linear Technology LT1218CS8 Datasheet HTML 8Page - Linear Technology LT1218CS8 Datasheet HTML 9Page - Linear Technology LT1218CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1218/LT1219
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V +
85
200
µV
VCM = V
–
85
200
µV
∆VOS
Input Offset Voltage Shift
VCM = V – to V +
30
70
µV
IB
Input Bias Current
VCM = V+
30
70
nA
VCM = V–
– 70
– 18
nA
∆IB
Input Bias Current
VCM = V – to V+
50
140
nA
IOS
Input Offset Current
VCM = V
+
518
nA
VCM = V–
218
nA
∆IOS
Input Offset Current Shift
VCM = V
– to V+
518
nA
AVOL
Large-Signal Voltage Gain
VO = – 14.7V to 14.7V, RL = 10k
1000
4000
V/mV
VO = – 10V to 10V, RL = 2k
500
2000
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V
– to V +
113
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
100
110
dB
VOL
Output Voltage Swing LOW
No Load
V – + 0.004
V – + 0.012
V
ISINK = 0.5mA
V – + 0.045
V – + 0.090
V
ISINK = 5mA
V – + 0.270
V – + 0.525
V
VOH
Output Voltage Swing HIGH
No Load
V+ – 0.012
V+ – 0.003
V
ISOURCE = 0.5mA
V+ – 0.130
V+ – 0.065
V
ISOURCE = 5mA
V+ – 0.800
V+ – 0.580
V
ISC
Short-Circuit Current
10
20
mA
IS
Supply Current
425
550
µA
Positive Supply Current, SHDN
VSHDN = 0V
15
40
µA
SR
Slew Rate
(LT1218/LT1218L)
AV = – 1
0.10
V/
µs
(LT1219/LT1219L
AV = – 1
0.05
V/
µs
GBW
Gain Bandwidth Product
(LT1218/LT1218L)
AV = 1000
0.28
MHz
(LT1219/LT1219L)
AV = 1000
0.15
MHz
LT1218/LT1219 only; TA = 25°C, VS = ±15V, VCM = 0V, VO = 0V, VSHDN = 15V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+
q
120
300
µV
VCM = V
–
q
120
300
µV
∆VOS
Input Offset Voltage Shift
VCM = V
– to V+
q
50
105
µV
IB
Input Bias Current
VCM = V+
q
30
75
nA
VCM = V
–
q
– 75
– 18
nA
∆IB
Input Bias Current
VCM = V – to V+
q
50
150
nA
IOS
Input Offset Current
VCM = V +
q
525
nA
VCM = V–
q
325
nA
∆IOS
Input Offset Current Shift
VCM = V – to V +
q
520
nA
AVOL
Large-Signal Voltage Gain
VO = – 14.7V to 14.7V, RL = 10k
q
750
3000
V/mV
VO = – 10V to 10V, RL = 2k
q
500
1500
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V
– to V +
q
109
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
97
110
dB
VOL
Output Voltage Swing LOW
No Load
q
V – + 0.004
V – + 0.014
V
ISINK = 0.5mA
q
V – + 0.045
V – + 0.100
V
ISINK = 5mA
q
V – + 0.310
V – + 0.580
V
VOH
Output Voltage Swing HIGH
No Load
q
V+ – 0.014
V+ – 0.003
V
ISOURCE = 0.5mA
q
V+ – 0.150
V+ – 0.075
V
ISOURCE = 5mA
q
V+ – 0.920
V+ – 0.700
V
LT1218/LT1219 only; 0
°C ≤ TA ≤ 70°C, VS = ±15V, VCM = 0V, VO = 0V, VSHDN = 15V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com