Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1218CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1218CS8
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1218CS8 Datasheet HTML 1Page - Linear Technology LT1218CS8 Datasheet HTML 2Page - Linear Technology LT1218CS8 Datasheet HTML 3Page - Linear Technology LT1218CS8 Datasheet HTML 4Page - Linear Technology LT1218CS8 Datasheet HTML 5Page - Linear Technology LT1218CS8 Datasheet HTML 6Page - Linear Technology LT1218CS8 Datasheet HTML 7Page - Linear Technology LT1218CS8 Datasheet HTML 8Page - Linear Technology LT1218CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1218/LT1219
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 50mV to 4.8V, RL = 10k
q
150
500
V/mV
VS = 3V, VO = 50mV to 2.8V, RL = 10k
q
100
500
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V + – 0.15 to V – + 0.15
q
93
102
dB
VS = 3V, VCM = V
+ – 0.15 to V– + 0.15
q
88
100
dB
PSRR
Power Supply Rejection Ratio
VS = 2.3V to 12V, VCM = 0V, VO = 0.5V
q
86
100
dB
VOL
Output Voltage Swing LOW
No Load
q
515
mV
ISINK = 0.5mA
q
50
105
mV
ISINK = 2.5mA
q
130
300
mV
VOH
Output Voltage Swing HIGH
No Load
q
V+ – 0.015
V+ – 0.004
mV
ISOURCE = 0.5mA
q
V+ – 0.160
V+ – 0.070
mV
ISOURCE = 2.5mA
q
V+ – 0.500
V+ – 0.250
mV
ISC
Short-Circuit Current
VS = 5V
q
47
mA
VS = 3V
q
37
mA
IS
Supply Current
VS = 5V
q
410
505
µA
VS = 3V
q
400
495
µA
Positive Supply Current, SHDN
VS = 5V, VSHDN = 0V
q
15
50
µA
VS = 3V, VSHDN = 0V
q
13
40
µA
–40
°C ≤ TA ≤ 85°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VO = half supply, VSHDN = V+, unless otherwise noted. (Note 3)
LT1218L/LT1219L only; TA = 25°C, VS = ±5V, VCM = 0V, VO = 0V, VSHDN = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+
35
140
µV
VCM = V
–
35
140
µV
∆VOS
Input Offset Voltage Shift
VCM = V
– to V+
20
70
µV
IB
Input Bias Current
VCM = V
+
30
70
nA
VCM = V
–
– 70
– 18
nA
∆IB
Input Bias Current Shift
VCM = V
– to V+
50
140
nA
IOS
Input Offset Current
VCM = V +
518
nA
VCM = V
–
218
nA
∆IOS
Input Offset Current Shift
VCM = V – to V +
518
nA
AVOL
Large-Signal Voltage Gain
VO = – 4.7V to 4.7V, RL = 10k
500
2800
V/mV
VO = – 4.5V to 4.5V, RL = 2k
300
1300
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V– to V +
103
114
dB
VOL
Output Voltage Swing LOW
No Load
V– + 0.004
V– + 0.012
V
ISINK = 0.5mA
V– + 0.045
V– + 0.090
V
ISINK = 5mA
V– + 0.180
V– + 0.525
V
VOH
Output Voltage Swing HIGH
No Load
V+ – 0.012
V+ – 0.003
V
ISOURCE = 0.5mA
V+ – 0.130
V+ – 0.065
V
ISOURCE = 5mA
V+ – 0.800
V+ – 0.350
V
ISC
Short-Circuit Current
6
12
mA
IS
Supply Current
400
430
µA
Positive Supply Current, SHDN
VSHDN = 0V
10
40
µA
SR
Slew Rate
(LT1218/LT1218L)
AV = – 1, RL = Open, VO = ±3.5V
0.06
0.10
V/
µs
(LT1219/LT1219L)
AV = – 1, RL = Open, VO = ±3.5V
0.03
0.05
V/
µs
GBW
Gain-Bandwidth Product
(LT1218/LT1218L)
AV = 1000
0.2
0.30
MHz
(LT1219/LT1219L)
AV = 1000
0.1
0.15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com