Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1218CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1218CS8
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1218CS8 Datasheet HTML 8Page - Linear Technology LT1218CS8 Datasheet HTML 9Page - Linear Technology LT1218CS8 Datasheet HTML 10Page - Linear Technology LT1218CS8 Datasheet HTML 11Page - Linear Technology LT1218CS8 Datasheet HTML 12Page - Linear Technology LT1218CS8 Datasheet HTML 13Page - Linear Technology LT1218CS8 Datasheet HTML 14Page - Linear Technology LT1218CS8 Datasheet HTML 15Page - Linear Technology LT1218CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1218/LT1219
Shutdown
The biasing of the LT1218/LT1219 is controlled by the
SHDN pin. When the SHDN pin is low, the part is shut
down. In the shutdown mode, the output looks like a 40pF
capacitor and the supply current is less than 30
µA. The
SHDN pin is referenced to the positive supply through an
internal bias circuit (see Figure 1). The SHDN pin current
with the pin low is typically 3
µA.
The switching time between the shutdown and active
states is about 20
µs, however, the total time to settle will
be greater by the slew time of the amplifier. For example,
if the DC voltage at the amplifier output is 0V in shutdown
and –2V in the active mode, an additional 20
µs is required.
Figures 4a and 4b show the switching waveforms for a
sinusoidal and a –2V DC input to the LT1218.
The SHDN pin can be driven directly from CMOS logic if the
logic and the LT1218/LT1219 are operated from the same
supplies. For higher supply operation, an interface is
required. An easy way to interface between supplies is to
use open-drain logic, an example is shown in Figure 5.
Because the SHDN pin is referenced to the positive supply,
the logic used should have a breakdown voltage greater
than the positive supply.
APPLICATIONS INFORMATION
VOUT
SHDN
RL = 10V
VS = ±2.5V
LT1218/19 • F04a
Figure 4a
VOUT
SHDN
RL = 10V
VS = ±2.5V
LT1218/19 • F04a
Figure 4b
0V
0V
0V
0V
–15V
15V
LT1218/
LT1219
LT1218/19 • F05
SHDN
5V
SHDN
74C906
Figure 5. Shutdown Interface
Trim Pins
Trim pins are provided for compatibility with other single
op amps. Input offset voltage can be adjusted over a
±2.3mV range with a 10k potentiometer.
2
3
4
1
8
7
10k
V–
OUT
V+
LT1218/
LT1219
LT1218/19 • F06
Figure 6. Optional Offset Nulling
Improved Supply Rejection in the LT1219
The LT1219 is a variation of the LT1218 offering greater
supply rejection and lower high frequency output imped-
ance. The LT1219 requires a 0.1
µF load capacitance for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com