Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1218CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1218CS8
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1218CS8 Datasheet HTML 8Page - Linear Technology LT1218CS8 Datasheet HTML 9Page - Linear Technology LT1218CS8 Datasheet HTML 10Page - Linear Technology LT1218CS8 Datasheet HTML 11Page - Linear Technology LT1218CS8 Datasheet HTML 12Page - Linear Technology LT1218CS8 Datasheet HTML 13Page - Linear Technology LT1218CS8 Datasheet HTML 14Page - Linear Technology LT1218CS8 Datasheet HTML 15Page - Linear Technology LT1218CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1218/LT1219
12189f LT/TP 0697 7K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
TYPICAL APPLICATION
8-Channel, 12-Bit Data Acquisition System with Programmable Gain
1218/19 • TA05
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
20
21
22
23
24
1
2
3
64R
32R
16R
8R
4R
2R
R
R
+
–
8
COM
18
MUXOUT
GND
4, 9
10
6
5, 14
11
7
CSADC
CSMUX
CLK
DOUT
DIN
12
13
NC
NC
12-BIT
SAMPLING
ADC
8-CHANNEL
MUX
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1391
8-CHANNEL
MUX
5V
1
µF
ADCIN
17
16
15, 19
1
µF
0.1
µF
5V
1
µF
5V
VREF VCC
–
+
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
V+
D
V–
DOUT
DIN
CS
CLK
GND
LT1219L
LTC1598
µP/µC
INPUTS
GAIN
MUX
CHANNEL
GAIN
0
1
1
2
2
4
3
8
4
16
5
32
6
64
7
128
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1152
Rail-to-Rail Input and Output, Zero-Drift Op Amp
High DC Accuracy, 10
µV VOS(MAX), 100nV/°C Drift, 0.7MHz GBW, 0.5V/µs
Slew Rate, Maximum Supply Current 3mA
LT1366/LT1367
Dual/Quad Precision, Rail-to-Rail Input and Output
475
µV VOS(MAX), 400kHz GBW, 0.13V/µs Slew Rate,
Op Amps
Maximum Supply Current 520
µA per Op Amp
LT1466/LT1467
Dual/Quad Micropower, Rail-to-Rail Input and Output
Maximum Supply Current 75
µA per Op Amp, 390µV VOS(MAX),
Op Amps
120kHz Gain Bandwidth
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com