Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1236AI Datasheet(PDF) 1 Page - Linear Technology

Part # LT1236AI
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236AI Datasheet(HTML) 1 Page - Linear Technology

  LT1236AI Datasheet HTML 1Page - Linear Technology LT1236AI Datasheet HTML 2Page - Linear Technology LT1236AI Datasheet HTML 3Page - Linear Technology LT1236AI Datasheet HTML 4Page - Linear Technology LT1236AI Datasheet HTML 5Page - Linear Technology LT1236AI Datasheet HTML 6Page - Linear Technology LT1236AI Datasheet HTML 7Page - Linear Technology LT1236AI Datasheet HTML 8Page - Linear Technology LT1236AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1236
Precision Reference
APPLICATI
TYPICAL
DESCRIPTIO
The LT
®1236 is a precision reference that combines ultra-
low drift and noise with excellent long-term stability and
high output accuracy. The reference output will both
source and sink up to 10mA and is almost totally immune
to input voltage variations. Two voltages are available: 5V
and 10V. The 10V version can be used as a shunt regulator
(two-terminal zener) with the same precision characteris-
tics as the three-terminal connection. Special care has
been taken to minimize thermal regulation effects and
temperature induced hysteresis.
The LT1236 combines both superior accuracy and tem-
perature coefficient specifications without the use of high
power, on-chip heaters. The LT1236 references are based
on a buried zener diode structure which eliminates noise
and stability problems with surface breakdown devices.
Further, a subsurface zener exhibits better temperature
drift and time stability than even the best band-gap
references.
S
FEATURE
s
Ultra-Low Drift: 5ppm/
°C Max
s
Trimmed to High Accuracy: 0.05% Max
s
Industrial Temperature Range SO Package
s
Operates in Series or Shunt Mode
s
Pin Compatible with AD586, AD587
s
Output Sinks and Sources in Series Mode
s
Very Low Noise < 1ppm P-P (0.1Hz to 10Hz)
s
100% Noise Tested
s
> 100dB Ripple Rejection
s
Minimum Input/Output Differential of 1V
, LTC and LT are registered trademarks of Linear Technology Corporation.
Typical Distribution of Temperature Drift
Basic Positive and Negative Connections
LT1236
OUT
IN
GND
LT1236-10
OUT
IN
GND
VOUT
–VOUT
VIN
NC
R1 =
VOUT – (V
– )
ILOAD + 1.5mA
–15V
(V –)
R1
LT1236 TA01
OUTPUT DRIFT (ppm/
°C)
–3
0
4
8
12
16
24
22
–2
–1
0
1
LT1236 TA02
23
20
18
14
10
6
2
DISTRIBUTION
OF THREE RUNS
S
APPLICATI
s
A/D and D/A Converters
s
Precision Regulators
s
Precision Scales
s
Inertial Navigation Systems
s
Digital Voltmeters


Similar Part No. - LT1236AI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236AILS8-5 LINER-LT1236AILS8-5 Datasheet
232Kb / 16P
Precision, Low Noise, Low Profile Hermetic Voltage Reference
More results

Similar Description - LT1236AI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199_1 Datasheet
141Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com