Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1236AI Datasheet(PDF) 6 Page - Linear Technology

Part # LT1236AI
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236AI Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1236AI Datasheet HTML 2Page - Linear Technology LT1236AI Datasheet HTML 3Page - Linear Technology LT1236AI Datasheet HTML 4Page - Linear Technology LT1236AI Datasheet HTML 5Page - Linear Technology LT1236AI Datasheet HTML 6Page - Linear Technology LT1236AI Datasheet HTML 7Page - Linear Technology LT1236AI Datasheet HTML 8Page - Linear Technology LT1236AI Datasheet HTML 9Page - Linear Technology LT1236AI Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1236
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Load Transient Response,
LT1236-10, CLOAD = 0
Load Transient Response,
LT1236-10, CLOAD = 1000pF
Output Noise 0.1Hz to 10Hz,
LT1236-10
TIME (
µs)
2
LT1236 G22
1
024
13
3
0
4
ISOURCE = 2-10mA
ISOURCE = 0.2mA
ISINK = 0.6mA
ISINK = 0.8mA
ISINK = 1.0mA
ISINK = 2-10mA
10mV
50mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
NOTE VERTICAL SCALE CHANGE
BETWEEN SOURCING AND SINKING
TIME (
µs)
2
LT1236 G23
1
024
13
3
0
4
ISOURCE = 2-10mA
ISOURCE = 0.5mA
ISINK = 0.8mA
ISINK = 1.2mA
ISINK = 1.4mA
ISINK = 2-10mA
5mV
20mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
NOTE VERTICAL SCALE CHANGE
BETWEEN SOURCING AND SINKING
TIME (MINUTES)
0
35
LT1236 G24
12
46
10
µV (1ppm)
FILTERING = 1 ZERO AT 0.1Hz
2 POLES AT 10Hz
Output Voltage Temperature
Drift, LT1236-10
OUTPUT CURRENT (mA)
–10
1
3
5
4
2
0
–2
–4
6
LT1236 G17
–1
–3
–5
–6
–8
– 4
0
4
8
–2
2
10
VIN = 12V
SOURCING
SINKING
Load Regulation, LT1236-10
Input Supply Current, LT1236-10
INPUT VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
35
30
1.8
LT1236 G18
0.4
5
10152025
40
1.2
1.4
1.6
TJ = – 55°C
TJ = 25°C
TJ = 125°C
IOUT = 0
Shunt Mode Current Limit,
LT1236-10
OUTPUT VOLTAGE (V)
0
0
10
30
40
50
4
8
10
18
LT1236 G20
20
26
12
14
16
60
INPUT PIN OPEN
Shunt Characteristics, LT1236-10
OUTPUT TO GROUND VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
8
1.8
LT1236 G19
0.4
4
2
6
10
12
1.2
1.4
1.6
TJ = – 55°C
TJ = 25°C
INPUT PIN OPEN
TJ = 125°C
Thermal Regulation, LT1236-10
TIME (ms)
–1.0
– 0.5
0
140
LT1236 G21
–1.5
20
60
100
0
40
80
120
LOAD
REGULATION
THERMAL
REGULATION*
ILOAD = 10mA
*INDEPENDENT OF TEMPERATURE COEFFICIENT
VIN = 30V
∆POWER = 200mW
TEMPERATURE (˚C)
–40
10.0010
10.0015
10.0020
40
LT1236 G16
10.0005
10.0000
080
–20
60
20
100
9.9995
9.9990
9.9985
9.9980



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com