Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1236AI Datasheet(PDF) 10 Page - Linear Technology

Part # LT1236AI
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236AI Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1236AI Datasheet HTML 4Page - Linear Technology LT1236AI Datasheet HTML 5Page - Linear Technology LT1236AI Datasheet HTML 6Page - Linear Technology LT1236AI Datasheet HTML 7Page - Linear Technology LT1236AI Datasheet HTML 8Page - Linear Technology LT1236AI Datasheet HTML 9Page - Linear Technology LT1236AI Datasheet HTML 10Page - Linear Technology LT1236AI Datasheet HTML 11Page - Linear Technology LT1236AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1236
TYPICAL APPLICATIONS
LT1236-10
OUT
IN
GND
LT1236 TA16
15V
8.87k
1%
1.24k
1%
10k
1%
D1
1N457
50k
TC TRIM*
10k
1%
D2
1N457
50k
200k
1%
50k
ROOM TEMP
TRIM
10.36k
1%
8.45k
1mA
TRIMS 1mA REFERENCE CURRENT
TC BY
±40ppm/°C. THIS TRIM
SCHEME HAS VERY LITTLE EFFECT ON ROOM
TEMPERATURE CURRENT TO MINIMIZE ITERATIVE
TRIMMING
*
DAC
Precision DAC Reference with System TC Trim
2-Pole Lowpass Filtered Reference
Strain Gauge Conditioner for 350
Ω Bridge
LT1236-10
OUT
IN
GND
LT1236 TA08
–
+
LM301A
†
100pF
8
1
6
6
3
2
–5V
357
Ω
1/2W
–15V
R5
2M
R6*
2M
LT1012C
2
3
R4
20k
R2
20k
5V
R3
2M
VOUT
X100
350
Ω STRAIN
GAUGE BRIDGE**
28mA
28.5mA
R1
357
Ω
1/2W
15V
THIS RESISTOR PROVIDES POSITIVE FEEDBACK TO
THE BRIDGE TO ELIMINATE LOADING EFFECT OF
THE AMPLIFIER. EFFECTIVE ZIN OF AMPLIFIER
STAGE IS
≥ 1MΩ. IF R2 TO R5 ARE CHANGED,
SET R6 = R3
*
BRIDGE IS ULTRA-LINEAR WHEN ALL LEGS ARE
ACTIVE, TWO IN COMPRESSION AND TWO IN TENSION,
OR WHEN ONE SIDE IS ACTIVE WITH ONE COMPRESSED
AND ONE TENSIONED LEG
OFFSET AND DRIFT OF LM301A ARE VIRTUALLY
ELIMINATED BY DIFFERENTIAL CONNECTION OF LT1012C
**
†
LT1236-10
OUT
GND
LT1236 TA13
2.5mA
–10V (ILOAD ≤ 1mA)
–11V TO – 40V
27
Ω
LM334
Negative Shunt Reference Driven
by Current Source
LT1236
OUT
IN
GND
LT1236 TA12
–
+
R1
36k
1
µF
MYLAR
0.5
µF
MYLAR
R2
36k
LT1001
VIN
VIN
VREF
–VREF
f = 10Hz
TOTAL NOISE
≤2µVRMS
1Hz
≤ f ≤ 10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com