Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1236AI Datasheet(PDF) 3 Page - Linear Technology

Part # LT1236AI
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236AI Datasheet(HTML) 3 Page - Linear Technology

  LT1236AI Datasheet HTML 1Page - Linear Technology LT1236AI Datasheet HTML 2Page - Linear Technology LT1236AI Datasheet HTML 3Page - Linear Technology LT1236AI Datasheet HTML 4Page - Linear Technology LT1236AI Datasheet HTML 5Page - Linear Technology LT1236AI Datasheet HTML 6Page - Linear Technology LT1236AI Datasheet HTML 7Page - Linear Technology LT1236AI Datasheet HTML 8Page - Linear Technology LT1236AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1236
ELECTRICAL C
C
HARA TERISTICS V
IN = 10V, IOUT = 0, TA = 25°C, unless otherwise noted.
LT1236-10
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (Note 1)
LT1236A-10
9.995
10.000
10.005
V
LT1236B-10/LT1236C-10
9.990
10.000
10.010
V
Output Voltage Temperature Coefficient (Note 2)
TMIN ≤ TJ ≤ TMAX
LT1236A-10
2
5
ppm/
°C
LT1236B-10
5
10
ppm/
°C
LT1236C-10
10
15
ppm/
°C
Line Regulation (Note 3)
11.5V
≤ VIN ≤ 14.5V
1.0
4
ppm/V
q
6
ppm/V
14.5V
≤ VIN ≤ 40V
0.5
2
ppm/V
q
4
ppm/V
Load Regulation (Sourcing Current)
0
≤ IOUT ≤ 10mA
12
25
ppm/mA
(Note 3)
q
40
ppm/mA
Load Regulation (Shunt Mode)
1.7mA
≤ ISHUNT ≤ 10mA
50
100
ppm/mA
(Notes 3, 4)
q
150
ppm/mA
Series Mode Supply Current
1.2
1.7
mA
q
2.0
mA
Shunt Mode Minimum Current
VIN is Open
1.1
1.5
mA
q
1.7
mA
Output Voltage Noise (Note 5)
0.1Hz
≤ f ≤ 10Hz
6.0
µVP-P
10Hz
≤ f ≤ 1kHz
3.5
6
µVRMS
Long-Term Stablility of Output Voltage (Note 6)
∆t = 1000Hrs Non-Cumulative
30
ppm
Temperature Hysteresis of Output (Note 7)
∆T = ±25°C
5
ppm
VIN = 15V, IOUT = 0, TA= 25°C, unless otherwise noted.
Note 5: RMS noise is measured with a 2-pole highpass filter at 10Hz and a
2-pole lowpass filter at 1kHz. The resulting output is full-wave rectified and
then integrated for a fixed period, making the final reading an average as
opposed to RMS. Correction factors are used to convert from average to
RMS, and 0.88 is used to correct for the non-ideal bandbass of the filters.
Peak-to-peak noise is measured with a single highpass filter at 0.1Hz and a
2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air environment
to eliminate thermocouple effects on the leads. Test time is 10 seconds.
Note 6: Long-term stability typically has a logarithmic characteristic and
therefore, changes after 1000 hours tend to be much smaller than before
that time. Total drift in the second thousand hours is normally less than
one third that of the first thousand hours, with a continuing trend toward
reduced drift with time. Significant improvement in long-term drift can be
The q denotes specifications which apply over the specified temperature
range.
Note 1: Output voltage is measured immediately after turn-on. Changes
due to chip warm-up are typically less than 0.005%.
Note 2: Temperature coefficient is measured by dividing the change in
output voltage over the temperature range by the change in temperature.
Incremental slope is also measured at 25
°C.
Note 3: Line and load regulation are measured on a pulse basis. Output
changes due to die temperature change must be taken into account
separately.
Note 4: Shunt mode regulation is measured with the input open. With the
input connected, shunt mode current can be reduced to 0mA. Load
regulation will remain the same.
LT1236-5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation (Sinking Current)
0
≤ IOUT ≤ 10mA
60
100
ppm/mA
(Note 3)
q
150
ppm/mA
Supply Current
0.8
1.2
mA
q
1.5
mA
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
3.0
µVP-P
(Note 5)
10Hz
≤ f ≤ 1kHz
2.2
3.5
µVRMS
Long-Term Stability of Output Voltage (Note 6)
∆t = 1000Hrs Non-Cumulative
20
ppm
Temperature Hysteresis of Output (Note 7)
∆T = ±25°C
10
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com