Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1236AI Datasheet(PDF) 4 Page - Linear Technology

Part # LT1236AI
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236AI Datasheet(HTML) 4 Page - Linear Technology

  LT1236AI Datasheet HTML 1Page - Linear Technology LT1236AI Datasheet HTML 2Page - Linear Technology LT1236AI Datasheet HTML 3Page - Linear Technology LT1236AI Datasheet HTML 4Page - Linear Technology LT1236AI Datasheet HTML 5Page - Linear Technology LT1236AI Datasheet HTML 6Page - Linear Technology LT1236AI Datasheet HTML 7Page - Linear Technology LT1236AI Datasheet HTML 8Page - Linear Technology LT1236AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1236
ELECTRICAL C
C
HARA TERISTICS V
IN = 15V, IOUT = 0, TA = 25°C, unless otherwise noted.
realized by preconditioning the IC with a 100-200 hour, 125
°C burn in.
Long term stability will also be affected by differential stresses between the
IC and the board material created during board assembly. Temperature
cycling and baking of completed boards is often used to reduce these
stresses in critical applications.
Note 7: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25
°C, but the IC is
cycled to 50
°C or 0°C before successive measurements. Hysteresis is
roughly proportional to the square of temperature change. Hysteresis is
not normally a problem for operational temperature excursions, but can be
significant in critical narrow temperature range applications where the
instrument might be stored at high or low temperatures.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Ripple Rejection
INPUT VOLTAGE (V)
0
85
90
95
100
105
10
20
30
40
LT1236 G01
110
115
515
25
35
f = 150Hz
LT1236-5
LT1236-10
FREQUENCY (Hz)
10
90
110
130
120
100
80
60
100
1k
10k
LT1236 G02
70
50
VIN = 15V
COUT = 0
LT1236-5
LT1236-10
Ripple Rejection
Minimum Input/Output
Differential, LT1236-10
OUTPUT CURRENT (mA)
0
1.2
1.6
16
LT1236 G03
0.8
0.4
0
4
8
12
20
1.0
1.4
0.6
0.2
14
2
6
10
18
TJ = 125 °C
TJ = –55 °C
TJ = 25 °C
Start-Up (Series Mode)
TIME (
µs)
3
4
6
7
8
13
10
2
6
8
LT1236 G04
5
11
12
9
04
10
12
14
LT1236-10
LT1236-5
VIN = 0V TO 12V
Start-Up (Shunt Mode), LT1236-10
Output Voltage Noise Spectrum
FREQUENCY (Hz)
100
200
250
350
400
10
1k
1M
LT1236 G06
0
100
300
150
50
LT1236-10
LT1236-5
TIME (
µs)
9
10
11
48
LT1236 G05
8
7
02
610
12
6
5
LT1236-10
IN
GND
OUT
NC
1k
VOUT
0V
VOUT + 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com