Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1248CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1248CS
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1248CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1248CS Datasheet HTML 4Page - Linear Technology LT1248CS Datasheet HTML 5Page - Linear Technology LT1248CS Datasheet HTML 6Page - Linear Technology LT1248CS Datasheet HTML 7Page - Linear Technology LT1248CS Datasheet HTML 8Page - Linear Technology LT1248CS Datasheet HTML 9Page - Linear Technology LT1248CS Datasheet HTML 10Page - Linear Technology LT1248CS Datasheet HTML 11Page - Linear Technology LT1248CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1248
S
APPLICATI
I FOR ATIO
Note that VSENSE is the summing node and it stays at 7.5V.
When overshoot occurs on VOUT, the overcurrent from R1
will go through R2 as well as R3. Amplifier feedback will
keep VSENSE locked at 7.5V. The equivalent AC resistance,
seen by the comparator input pin OVP, is R2 in parallel
with R3, which is 10k. Therefore, with the comparator trip
level of 1.05VREF and R3 of 20k, the comparator trips when
VOUT overshoot exceeds 10%. Overvoltage trip level:
%%
V
RR
R
OUT =
+


5
23
3
MOUT is a high impedance current output. In the current
loop, offset line current is determined by multiplier offset
current and input offset voltage of the current amplifier.
A – 4mV current amplifier VOS translates into 20mA line
current and 5W input power for 250V line if 0.2
Ω sense
resistor is used. Under no load or when the load power is
less than this offset input power, VOUT would slowly
charge up to an overvoltage state because the overvoltage
comparator can only reduce multiplier output current to
zero. This does not guarantee zero output current if the
current amplifier has offset. To regulate VOUT under this
condition, the amplifier M1 (see Block Diagram), becomes
active in the current loop when VAOUT goes down to 2.2V.
The M1 can put out up to 7
µA to the resistor at the ISENSE
pin to cancel any current amplifier negative VOS and keep
VOUT error to within 2V.
Figure 6
VCC
R1
90k
1W
18V
1248 F06
+
C3
390
µF
C4
56
µF
+
LINE
MAIN INDUCTOR
C2
1000pF
D3
D1
D2
Undervoltage Lockout
The LT1248 turns on when VCC is higher than 16V and
remains on until VCC falls below 10V, whereupon the chip
enters the lockout state. In the lockout state, the LT1248
only draws 250
µA, the oscillator is off, and the VREF and
the GTDR pins remain low to keep the power MOSFET off.
Start-Up and Supply Voltage
The LT1248 draws only 250
µA before the chip starts at
16V on VCC. To trickle start, a 90k resistor from the power
line to VCC supplies the trickle current and C4 holds the VCC
up while switching starts. Then the auxiliary winding takes
over and supplies the operating current. Note that D3 and
the large value C3, in both Figures 5 and 6, are only
necessary for systems that have sudden large load varia-
tion down to minimum load and/or very light load condi-
tions. Under these conditions, the loop may exhibit a start/
restart mode because switching remains off long enough
for C4 to discharge below 10V. The C3 will hold VCC up
until switching resumes. For less severe load variations,
D3 is replaced with a short and C3 is omitted. The turns
ratio between the primary winding and the auxiliary wind-
ing determines VCC according to:
Figure 5
VCC
NP
NS
R1
90k, 1W
C1
2
µF
1248 F05
+
+
C2
2
µF
C3
390
µF
+
C4
56
µF
+
LINE
MAIN INDUCTOR
D2
D3
D1
C1
0.47
µF
VREF = 7.5V
1.05VREF
OVERVOLTAGE
COMPARATOR
LT1248
R3
20k
330k
0.047
µF
REGULATOR OUTPUT
VOUT = 382V
1248 F04
VSENSE
OVP
VAOUT
ERROR AMP
R1
1M
R2
20k
–
+
–
+
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com