Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1248CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1248CS
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1248CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1248CS Datasheet HTML 4Page - Linear Technology LT1248CS Datasheet HTML 5Page - Linear Technology LT1248CS Datasheet HTML 6Page - Linear Technology LT1248CS Datasheet HTML 7Page - Linear Technology LT1248CS Datasheet HTML 8Page - Linear Technology LT1248CS Datasheet HTML 9Page - Linear Technology LT1248CS Datasheet HTML 10Page - Linear Technology LT1248CS Datasheet HTML 11Page - Linear Technology LT1248CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1248
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
300W, 382V Preregulator
Kool M
µ is a registered trademark of Magnetics, Inc.
–
+
–
+
IM =
IA
2 IB
200
µA2
VAOUT
7.5V
7.9V
12
µA
5V
EA
VREF
–
+
–
+
–
+
2.2V
32k
IA
IB
7
µA
IM
7.5V
VREF
–
+
VCC
16V TO 10V
2.6V/2.2V
–
+
0.7V
OSC
R
R
S
Q
CSET
RSET
6
11
10
7
9
5
4
2
1
15
16
12
14
SS
OVP
IAC
VSENSE
EN/SYNC
MOUT
ISENSE
3
CAOUT
VCC
RUN
CA
RUN
16V
GND
–
+
GTDR
1000pF
SYNC
1N5819
†
4.7nF
1M
20k
0.47
µF
0.047
µF
330k
0.1
µF
1nF
8
0.01
µF
13
100pF
PKLIM
20k
1%
RREF
4k
VOUT
180
µF
T
90V
TO
270V
EMI
FILTER
+
–
4k
20k
RS
0.2
Ω
50k
750
µH*
1M
1%
MURH860
VCC = 18V**
56
µF
35V
10
Ω
15k
–
+
1248 TA01
IRF840
ONE SHOT
200ns
6A
M1
1. COILTRONICS CTX02-12236-1 (TYPE 52 CORE)
AIR MOVEMENT NEEDED AT POWER LEVEL GREATER THAN 250W.
2. COILTRONICS CTX02-12295 (MAGNETICS Kool M
µ® 77930 CORE)
SEE START-UP AND SUPPLY VOLTAGE SECTION FOR VCC GENERATOR.
THIS SCHOTTKY DIODE IS TO CLAMP GTDR WHEN MOS SWITCH
TURNS OFF. PARASITIC INDUCTANCE AND GATE CAPACITANCE MAY
TURN ON CHIP SUBSTRATE DIODE AND CAUSE ERRATIC OPERATIONS
IF GTDR IS NOT CLAMPED.
*
**
†
+
+
APPLICATI
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com