Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1248CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1248CS
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1248CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1248CS Datasheet HTML 2Page - Linear Technology LT1248CS Datasheet HTML 3Page - Linear Technology LT1248CS Datasheet HTML 4Page - Linear Technology LT1248CS Datasheet HTML 5Page - Linear Technology LT1248CS Datasheet HTML 6Page - Linear Technology LT1248CS Datasheet HTML 7Page - Linear Technology LT1248CS Datasheet HTML 8Page - Linear Technology LT1248CS Datasheet HTML 9Page - Linear Technology LT1248CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1248
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
RSET CURRENT (mA)
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
1248 G16
–1.0
–0.8
–0.6
–0.4
–0.2
0
TJ = 125°C
TJ = 25°C
TJ = –55°C
PI FU CTIO S
Pin 1 (GND).
Pin 2 (PKLIM): The threshold of the peak current limit
comparator is GND. To set current limit, a resistor divider
can be connected from VREF to current sense resistor.
Pin 3 (CAOUT): This is the output of the current amplifier
that senses and forces the line current to follow the
reference signal that comes from the multiplier by com-
manding the pulse width modulator. When CAOUT is low,
the modulator has zero duty cycle.
Pin 4 (ISENSE): This is the inverting input of the current
amplifier. This pin is clamped at – 0.6V by an ESD protec-
tion diode.
Pin 5 (MOUT): This is the multiplier high impedance
current output and the noninverting input of the current
amplifier. This pin is clamped at – 0.6V and 2V.
Pin 6 (IAC): This is the AC line voltage sensing input to the
multiplier. It is a current input that is biased at 2V to
minimize the crossover dead zone caused by low line
voltage. At the pin, a 32k resistor is in series with the
current input, so that a lowpass RC can be used to filter out
the switching noise from the high impedance lines.
Pin 7 (VAOUT): This is the output of the voltage error
amplifier. The output is clamped at 13.5V. When the
output goes below 2.5V, the multiplier output current is
zero.
Pin 8 (OVP): This is the input to the overvoltage compara-
tor. The threshold is 1.05 times the reference voltage.
When the comparator trips, the multiplier is quickly inhib-
ited and outputs no current. Figure 4 in the Applications
Information section shows how to set overvoltage thresh-
old with only one additional resistor.
Pin 9 (VREF): This is the 7.5V reference. When either VCC
or EN/SYNC goes low, VREF will stay at 0V. VREF biases
most of the internal circuity and can source up to 5mA
externally.
Pin 10 (EN/SYNC): This pin has two functions. When it
goes below 2.6V, the chip goes into shutdown mode and
draws little current. Pulses at this pin that go below the 5V
threshold will synchronize the chip. The synchronizing
pulses should have an on-time of at least 200ns for the
LT1248 resetting circuit to work.
Pin 11 (VSENSE): This is the inverting input to the voltage
amplifier.
PKLIM VOLTAGE (V)
–360
–300
–240
–180
–120
–60
0
60
120
180
240
300
1248 G17
0.8
0.4
0
–0.4
–0.8
TJ = 125°C
TJ = 25°C
TJ = –55°C
PKLIM Pin Characteristics
RSET Voltage vs Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com