Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1248CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1248CS
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1248CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1248CS Datasheet HTML 4Page - Linear Technology LT1248CS Datasheet HTML 5Page - Linear Technology LT1248CS Datasheet HTML 6Page - Linear Technology LT1248CS Datasheet HTML 7Page - Linear Technology LT1248CS Datasheet HTML 8Page - Linear Technology LT1248CS Datasheet HTML 9Page - Linear Technology LT1248CS Datasheet HTML 10Page - Linear Technology LT1248CS Datasheet HTML 11Page - Linear Technology LT1248CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1248
The third component is the switching ripple from the load,
if the load is a switching regulator.
I3RMS ≈ ILOAD(DC)
For the United Chemicon KMH 400V capacitor series,
ripple current multiplier for currents at 100kHz is 1.43. The
equivalent 120Hz ripple current can be then found:
IRMS = (I1RMS)
2
+ (I2RMS/1.43)2 + (I3RMS/1.43)2
For a typical system that runs at an average load of 200W
and 385V output:
ILOAD(DC) = 0.52A
I1RMS ≈ 0.71 • 0.52A = 0.37A
I2RMS ≈ 0.82A at 120VAC
I3RMS ≈ ILOAD(DC) = 0.52A
IRMS = (0.37A)
2
+(0.82A/1.43)2+(0.52A/1.43)2 = 0.77A
The 120Hz ripple current rating at 105
°C ambient is 0.95A
for the 180
µFKMH400Vcapacitor.Theexpectedlifeofthe
output capacitor may be calculated from the thermal
stress analysis:
where:
L:
expected life time
LO: hours of load life at rated ripple current and rated
ambient temperature.
∆TK: Capacitor internal temperature rise at rated condi-
tion.
∆TK = (I2R)/(KA). Where I is the rated current,
R is capacitor ESR, and KA is a volume constant.
TA: Operating ambient temperature.
∆TO: Capacitor internal temperature rise at operating
condition.
In our example LO = 2000 hours and ∆TK = 10°C at rated
0.95A.
∆TO can then be calculated from:
∆TK = (IRMS/0.95A)2 • ∆TK = (0.77A/0.95A)2 •10°C = 6.6°C
Assuming the operating ambient temperature is 60
°C, the
approximate life time is:
For longer life, a capacitor with a higher ripple current
rating or parallel capacitors should be used.
(105
°C+∆TK) – (TA+∆TO)
S
APPLICATI
I FOR ATIO
VOUT/(VCC – 2V) = NP/NS.
For 382V VOUT and 18V VCC, Np/Ns ≈ 19.
In Figure 6, a new technique for supply voltage eliminates
the need for an extra inductor winding. It uses capacitor
charge transfer to generate a constant current source
which feeds a Zener diode. Current to the Zener is equal
to (VOUT – VZ)(C)(f), where VZ is Zener voltage and f is
switching frequency. For VOUT = 382V, VZ = 18V, C =
1000pF, and f = 100kHz, Zener current will be 36mA. This
is enough to operate the LT1248, including the FET gate
drive. Normally soft-start is not needed because the
LT1248 has overcurrent limit and overvoltage protection.
If soft-start is used with a 0.01
µF capacitor on SS pin,
VOUT ramps up slower during start-up. Then C4 has to
hold VCC longer, and the circuit may not start. Increasing
C4 to 100
µF ensures start-up, but start-up time will be
extended if the same 90k trickle charge resistor is used.
Output Capacitor
The peak-to-peak 120Hz output ripple is determined by:
VP-P = (2) (ILOAD(DC))(Z)
where ILOAD(DC): DC load current.
Z: capacitor impedance at 120Hz.
For 180
µF at 300W load, ILOAD(DC) = 300W/385V = 0.78A,
VP-P = 2 • 0.78A • 7.4Ω = 11.5V. If less ripple is desired,
higher capacitance should be used. The selection of the
output capacitor should also be based on the operating
ripple current through the capacitor. The ripple current
can be divided into three major components. The first is at
120Hz; it’s RMS value is related to the DC load current as
follows:
I1RMS ≈ 0.71 • ILOAD(DC)
The second component contains the PF switching fre-
quency ripple current and its harmonics. Analysis of the
ripple is complicated because it is modulated with a 120Hz
signal. However computer numerical integration and Fou-
rier analysis approximate the RMS value reasonably close
to the bench measurements. The RMS value is about 0.82A
at a typical condition of 120VAC, 200W load. This ripple is
line-voltage dependent, and the worst case is at low line.
I2RMS = 0.82A at 120VAC, 200W
√
√
L = LO • 2
LO ≈ 2000 • 2
≈ 57,000 hours
10
(105
°C+10°C) – (60°+ 6.6°C)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com