Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1248CS Datasheet(PDF) 4 Page - Linear Technology

Part # LT1248CS
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1248CS Datasheet(HTML) 4 Page - Linear Technology

  LT1248CS Datasheet HTML 1Page - Linear Technology LT1248CS Datasheet HTML 2Page - Linear Technology LT1248CS Datasheet HTML 3Page - Linear Technology LT1248CS Datasheet HTML 4Page - Linear Technology LT1248CS Datasheet HTML 5Page - Linear Technology LT1248CS Datasheet HTML 6Page - Linear Technology LT1248CS Datasheet HTML 7Page - Linear Technology LT1248CS Datasheet HTML 8Page - Linear Technology LT1248CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1248
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Reference Voltage vs
Temperature
JUNCTION TEMPERATURE (
°C)
–75
75
7.536
7.524
7.512
7.500
7.488
7.476
7.464
7.452
7.440
7.428
1248 G03
–50
150
–25
0
25
50
100 125
IAC (µA)
0
300
150
0
1248 G04
250
500
VAOUT = 7V
VAOUT = 6.5V
VAOUT = 6V
VAOUT = 5.5V
VAOUT = 5V
VAOUT = 4.5V
VAOUT = 4V
VAOUT = 3.5V
VAOUT = 3V
VAOUT = 2.5V
SUPPLY VOLTAGE (V)
10
11
10
9
8
7
6
5
4
3
2
1
0
1248 G05
21
32
TJ = 25°C
TJ = 125°C
TJ = –55°C
Supply Current vs Supply Voltage
GTDR Source Current
SINK CURRENT (mA)
0
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1248 G07
300
TA = 125°C
TA = –55°C
60
120
180
240
TA = 25°C
FREQUENCY (Hz)
10
100
80
60
40
20
0
–20
100
1k
10k
100k
1148 G01
1M
10M
0
–20
–40
–60
–80
–100
–120
PHASE
GAIN
Voltage Amplifier Open-Loop
Gain and Phase
FREQUENCY (Hz)
10
100
80
60
40
20
0
–20
100
1k
10k
100k
1148 G02
1M
10M
0
–20
–40
–60
–80
–100
–120
PHASE
GAIN
Current Amplifier Open-Loop
Gain and Phase
Multiplier Current
SOURCE CURRENT (mA)
0
18.5
18.0
17.5
17.0
16.5
16.0
15.5
15.0
14.5
14.0
13.5
13.0
1248 G06
–300
TJ = 25°C
TJ = 125°C
VCC = 18V
TJ = –55°C
–60
–120
–180
–240
GTDR Sink Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com