Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1256CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1256CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1256CS Datasheet HTML 4Page - Linear Technology LT1256CS Datasheet HTML 5Page - Linear Technology LT1256CS Datasheet HTML 6Page - Linear Technology LT1256CS Datasheet HTML 7Page - Linear Technology LT1256CS Datasheet HTML 8Page - Linear Technology LT1256CS Datasheet HTML 9Page - Linear Technology LT1256CS Datasheet HTML 10Page - Linear Technology LT1256CS Datasheet HTML 11Page - Linear Technology LT1256CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LT1251/LT1256
TYPICAL PERFORMANCE CHARACTERISTICS
Slew Rate vs Temperature
Slew Rate vs Full-Scale
Reference Voltage
TEMPERATURE (°C)
–50
100
1251/56 G30
050
350
300
250
200
–25
25
75
125
VS = ±5V
AV = 1
NO LOAD
FREQUENCY (Hz)
1k
80
70
60
50
40
30
20
10
0
100k
10k
1251/56 G31
1M
10M
VS = ±5V
AV = 1
RF = 1.5k
VC = VFS = 2.5V
POSITIVE
NEGATIVE
Power Supply Rejection Ratio
vs Frequency
Settling Time to 1mV
vs Output Step
Output Impedance vs Frequency
FREQUENCY (Hz)
100
10
1
0.1
0.01
10k
1M
10M
1251/56 G34
100k
100M
VS = ±5V
RF = 1.5k
VC = VFS = 2.5V
AV = 100
AV = 1, 10
SETTLING TIME (ns)
0
25
50
75
100
1251/56 G32
125
10
8
6
4
2
0
–2
–4
–6
–8
–10
150
VS = ±15V
RF = 1.5k
INVERTING,
NONINVERTING
INVERTING
NONINVERTING
Settling Time to 10mV
vs Output Step
SETTLING TIME (ns)
0
50
100
1251/56 G33
150
10
8
6
4
2
0
–2
–4
–6
–8
–10
200
INVERTING
INVERTING
NONINVERTING
NONINVERTING
VS = ±15V
RF = 1.5k
Differential Phase vs
Controlled Gain
Differential Gain vs
Controlled Gain
CONTROLLED GAIN, VC /VFS (%)
50
2
1
0
90
1251/56 G35
60
70
80
100
CONTROLLED GAIN, VC /VFS (%)
50
1.0
0.5
0
90
1251/56 G36
60
70
80
100
LT1251
Switching Transient (Glitch)
50mV
0
– 50mV
2.5
0
VFS = 2.5V
RF1 = RF2 = 1.5k
VS = ±5V
1251/56 G37
VC
VOUT
FULL-SCALE REFERENCE VOLTAGE (V)
0
350
300
250
200
150
100
50
0
1.5
1251/56 G29
0.5
1.0
2.0
2.5
AV = 1
VS = ±15V
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com