Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1256CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1256CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1256CS Datasheet HTML 2Page - Linear Technology LT1256CS Datasheet HTML 3Page - Linear Technology LT1256CS Datasheet HTML 4Page - Linear Technology LT1256CS Datasheet HTML 5Page - Linear Technology LT1256CS Datasheet HTML 6Page - Linear Technology LT1256CS Datasheet HTML 7Page - Linear Technology LT1256CS Datasheet HTML 8Page - Linear Technology LT1256CS Datasheet HTML 9Page - Linear Technology LT1256CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LT1251/LT1256
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
100k
1M
10M
100M
1251/56 G13
5
4
3
2
1
0
–1
–2
–3
–4
–5
45
0
–45
–90
–135
–180
–225
–270
VS = ±5V
RF = 1.3k
RL = 100Ω
PHASE
GAIN
Voltage Gain and Phase
vs Frequency
Bandwidth vs Feedback
Resistance, AV = 1, RL = 1k
FEEDBACK RESISTANCE (k
Ω)
0.6
70
60
50
40
30
20
10
0.8
1.0
1.2
1.4
1251/56 G12
1.6
1.8
PEAKING
≤ 0.5dB
PEAKING
≤ 5.0dB
VS = ±15V
VS = ±5V
VS = 5V
FEEDBACK RESISTANCE (k
Ω)
0.6
70
60
50
40
30
20
10
0.8
1.0
1.2
1.4
1251/56 G11
1.6
1.8
PEAKING
≤ 0.5dB
PEAKING
≤ 5.0dB
VS = ±15V
VS = ±5V
VS = 5V
Bandwidth vs Feedback
Resistance, AV = 1, RL = 100Ω
Bandwidth vs Feedback
Resistance, AV = 10, RL = 100Ω
FEEDBACK RESISTANCE (k
Ω)
0.4
60
50
40
30
20
10
0.6
0.8
1.0
1.2
1251/56 G14
1.4
1.6
PEAKING
≤ 0.5dB
PEAKING
≤ 5.0dB
VS = 5V
VS = ±15V
VS = ±5V
Bandwidth vs Feedback
Resistance, AV = 100, RL = 100Ω
FEEDBACK RESISTANCE (k
Ω)
0.2 0.4
2.0
1251/56 G17
0.6 0.8 1.0
1.4
1.2
1.6 1.8
10
9
8
7
6
5
4
3
2
VS = ±15V
VS = 5V
VS = ±5V
NO PEAKING
Bandwidth vs Feedback
Resistance, AV = 10, RL = 1k
FEEDBACK RESISTANCE (k
Ω)
0.4
60
50
40
30
20
10
0.6
0.8
1.0
1.2
1251/56 G15
1.4
1.6
PEAKING
≤ 0.5dB
PEAKING
≤ 5.0dB
VS = 5V
VS = ±15V
VS = ±5V
Bandwidth vs Feedback
Resistance, AV = 100, RL = 1k
FEEDBACK RESISTANCE (k
Ω)
0.2 0.4
2.0
1251/56 G18
0.6 0.8 1.0
1.4
1.2
1.6 1.8
10
9
8
7
6
5
4
3
2
VS = ±15V
VS = 5V
VS = ±5V
NO PEAKING
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
1M
10M
100M
1251/56 G16
100k
VS = ±5V
VFS = 2.5V
VC = 0V
RL = 100Ω
RF = 1.5k
AV = 10
AV = 1
Off-Channel Isolation
vs Frequency
–3dB Bandwidth vs
Control Voltage
CONTROL VOLTAGE (V)
0
40
35
30
25
20
15
10
0.5
1.0
1.5
2.0
1251/56 G19
2.5
VS = ±5V
RL = 100Ω
VFS = 2.5V
RF = 1.3k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com