Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1256CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1256CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1256CS Datasheet HTML 8Page - Linear Technology LT1256CS Datasheet HTML 9Page - Linear Technology LT1256CS Datasheet HTML 10Page - Linear Technology LT1256CS Datasheet HTML 11Page - Linear Technology LT1256CS Datasheet HTML 12Page - Linear Technology LT1256CS Datasheet HTML 13Page - Linear Technology LT1256CS Datasheet HTML 14Page - Linear Technology LT1256CS Datasheet HTML 15Page - Linear Technology LT1256CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LT1251/LT1256
APPLICATIONS INFORMATION
Figure 2 is the basic block diagram of the LT1251/LT1256
signal path with external resistors RG1, RF1, RG2 and RF2.
Both input stages are operating as noninverting amplifiers
with two input signals V1 and V2.
Each input stage has a unity-gain buffer from the nonin-
verting input to the inverting input. Therefore, the inverting
input is at the same voltage as the noninverting input. R1
and R2 represent the internal output resistances of these
buffers, approximately 27
Ω.
K is a constant determined by the control circuit and can
be any value between 0 and 1. The control circuit is
described in a later section.
By inspection of the diagram:
I
V
R
RR
RR
V
RR
R
R
GF
GF
O
F
F
G
1
1
1
11
11
11
1
1
1
=
+ ()( )
+
−
++


Substituting and rearranging gives:
I
V
R
RR
RR
V
RR
R
R
IKI
K I
VI
R
sR C
GF
GF
O
F
F
G
O
OO
OL
OL
2
2
2
22
22
22
2
2
12
1
1
1
=
+ ()(
)
+
−
++


=+ −
()
=
+
()
General Equation for the Noninverting Amplifier Case
V
KV
R
RR
RR
KV
R
RR
RR
sR C
R
K
RR
R
R
K
RR
R
R
O
GF
GF
GF
GF
OL
OL
F
F
G
F
F
G
=
+ ()( )
+
+
−
()
+ ()(
)
+
+
+
++


+
−
()
++


1
1
11
11
2
2
22
22
11
1
1
22
2
2
1
1
1
1
1
–
+
Σ
1
14
K
I1
IO
8
C
VO
1251/56 BD
I1
I2
I2
1 – K
R1
V1
V2
R2
RG2
RG1
ROL
RF1
RF2
2
13
+1
–
+
1
2
Figure 2. Signal Path Block Diagram
Signal Path Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com