Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1256CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1256CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1256CS Datasheet HTML 12Page - Linear Technology LT1256CS Datasheet HTML 13Page - Linear Technology LT1256CS Datasheet HTML 14Page - Linear Technology LT1256CS Datasheet HTML 15Page - Linear Technology LT1256CS Datasheet HTML 16Page - Linear Technology LT1256CS Datasheet HTML 17Page - Linear Technology LT1256CS Datasheet HTML 18Page - Linear Technology LT1256CS Datasheet HTML 19Page - Linear Technology LT1256CS Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LT1251/LT1256
TYPICAL APPLICATIONS
Controlled Gain, Voltage-to-Current Converter
(Current Source)
RF
1k
RF
1k
RF
1k
OUTPUT RESISTANCE DEPENDS
ON MATCHING OF RESISTORS
RF
1k
RG
100
Ω
× 4
VIN
1251/56 TA09
2
8
14
13
12
10
5
3
1
IOUT
VC
RC
RFS
VFS
LT1256
–
+
–
+
2
1
RO
1k
–
+
LT1363
IOUT =
()
VIN
RO
RF
RG
VC
VFS
2.5VDC
INPUT
CONTROL
VOLTAGE
R1
R3
VIN
1251/56 TA13
R
R
INVERTED
HIGHPASS
ALLPASS
LOWPASS
R4
R2
–
+
LT1252
BASIC VARIABLE INTEGRATOR
1.5k
2
8
C
C
14
13
12
10
5
3
1
VC
VC
RC
RFS
VFS
VFS
LT1256
–
+
–
+
2
1
1.5k
R
R
RDC ≅ 10k
R1
R2
R3
R4
=
Variable Lowpass, Highpass and Allpass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com