Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1256CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1256CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1256CS Datasheet HTML 6Page - Linear Technology LT1256CS Datasheet HTML 7Page - Linear Technology LT1256CS Datasheet HTML 8Page - Linear Technology LT1256CS Datasheet HTML 9Page - Linear Technology LT1256CS Datasheet HTML 10Page - Linear Technology LT1256CS Datasheet HTML 11Page - Linear Technology LT1256CS Datasheet HTML 12Page - Linear Technology LT1256CS Datasheet HTML 13Page - Linear Technology LT1256CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LT1251/LT1256
APPLICATIONS INFORMATION
Supply Voltage
The LT1251/LT1256 are high speed amplifiers. To prevent
problems, use a ground plane with point-to-point wiring
and small bypass capacitors (0.01
µF to 0.1µF) at each
supply pin. For good settling characteristics, especially
driving heavy loads, a 4.7
µF tantalum within an inch or two
of each supply pin is recommended.
The LT1251/LT1256 can be operated on single or split
supplies. The minimum total supply is 4V (Pins 7 to 9).
However, the input common mode range is only guaran-
teed to within 2V of each supply. On a 4V supply the parts
must be operated in the inverting mode with the noninvert-
ing input biased half way between Pin 7 and Pin 9. See the
Typical Applications section for the proper biasing for
single supply operation.
The op amps in the control section operate from V–
(Pin 7) to within 2V of V + (Pin 9). For this reason the
positive supply should be 4.5V or greater in order to use
2.5V control and full-scale voltages.
Inputs
The noninverting inputs (Pins 1 and 14) are easy to drive
since they look like a 17M resistor in parallel with a 1.5pF
capacitor at most frequencies. However, the input stage
can oscillate at very high frequencies (100MHz to 200MHz)
if the source impedance is inductive (like an unterminated
cable). Several inches of wire look inductive at these high
frequencies and can cause oscillations. Check for oscilla-
tions at the inverting inputs (Pins 2 and 13) with a 10
×
probe and a 200MHz oscilloscope. A small capacitor
(10pF to 50pF) from the input to ground or a small resistor
(100
Ω to 300Ω) in series with the input will stop these
parasitic oscillations, even when the source is inductive.
These components must be within an inch of the IC in
order to be effective.
All of the inputs to the LT1251/LT1256 have ESD protec-
tion circuits. During normal operation these circuits have
no effect. If the voltage between the noninverting and
inverting inputs exceeds 6V, the protection circuits will
trigger and attempt to short the inputs together. This
condition will continue until the voltage drops to less than
500mV or the current to less than 10mA. If a very fast edge
is used to measure settling time with an input step of more
than 6V, the protection circuits will cause the 1mV settling
time to become hundreds of microseconds.
Feedback Resistor Selection
The feedback resistor value determines the bandwidth of
the LT1251/LT1256 as in other current feedback amplifi-
ers. The curves in the Typical Performance Characteristics
show the effect of the feedback resistor on small-signal
bandwidth for various loads, gains and supply voltages.
The bandwidth is limited at high gains by the 500MHz to
800MHz gain-bandwidth product as shown in the curves.
Capacitance on the inverting input will cause peaking and
increase the bandwidth. Take care to minimize the stray
capacitance on Pins 2 and 13 during printed circuit board
layout for flat response.
If the two input stages are not operating with equal gain,
the gain versus control voltage characteristic will be
nonlinear. This is true even if RF1 equals RF2. This is
because the open-loop characteristic of a current feed-
back amplifier is dependent on the Thevenin impedance at
the inverting input. For linear control of the gain, the loop
gain of the two stages must be equal. For an extreme
example, let’s take a gain of 101 on input 1, RF1 = 1.5k and
RG1 = 15Ω, and unity-gain on input 2, RF2 = 1.5k. The curve
in Figure 1 shows about 25% error at midscale. To
eliminate this nonlinearity we must change the value of
RF2. The correct value is the Thevenin impedance at
inverting input 1 (including the internal resistance of 27
Ω)
times the gain set at input 1. For a linear gain versus
control voltage characteristic when input 2 is operating at
unity-gain, the formula is:
RF2 = (AV1)(RF1RG1 + 27)
RF2 = (101)(14.85 + 27) = 4227
Because the feedback resistor of the unity-gain input is
increased, the bandwidth will be lower and the output
noise will be higher. We can improve this situation by
reducing the values of RF1 and RG1, but at high gains the
internal 27
Ω dominates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com