Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1339C Datasheet(PDF) 10 Page - Linear Technology

Part # LT1339C
Description  High Power Synchronous DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339C Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1339C Datasheet HTML 6Page - Linear Technology LT1339C Datasheet HTML 7Page - Linear Technology LT1339C Datasheet HTML 8Page - Linear Technology LT1339C Datasheet HTML 9Page - Linear Technology LT1339C Datasheet HTML 10Page - Linear Technology LT1339C Datasheet HTML 11Page - Linear Technology LT1339C Datasheet HTML 12Page - Linear Technology LT1339C Datasheet HTML 13Page - Linear Technology LT1339C Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1339
APPLICATIONS INFORMATION
RSENSE Selection for Output Current
RSENSE generates a voltage that is proportional to the
inductor current for use by the LT1339 current sense
amplifier. The value of RSENSE is based on the required
load current. The average current limit function has a
typical threshold of 120mV/RSENSE, or:
RSENSE = 120mV/ILIMIT
Operation with VSENSE common mode voltage below 4.5V
may slightly degrade current limit accuracy. See Average
Current Limit Threshold Tolerance vs Common Mode
Voltage curve in the Typical Performance Characteristics
section for more information.
Output Voltage Programming
Output voltage is programmed through a resistor feed-
back network to VFB (Pin 9) on the LT1339. This pin is the
inverting input of the error amplifier, which is internally
referenced to 1.25V. The divider is ratioed to provide
1.25V at the VFB pin when the output is at its desired value.
The output voltage is thus set following the relation:
VOUT = 1.25(1 + R2/R1)
when an external resistor divider is connected to the
output as shown in Figure 1.
the minimum off-time of the PWM controller. This limits
maximum duty cycle (DCMAX) to:
DCMAX = 1 – (tDISCH)(fO)
This relation corresponds to the minimum value of the
timing resistor (RCT), which can be determined according
to the following relation (RCT vs DCMAX graph appears in
the Typical Performance Characteristics section):
RCT(MIN) ≈ [(0.8)(10
–3)(1 – DCMAX)]–1
Values for RCT > 15k yield maximum duty cycles above
90%. Given a timing resistor value, the value of the timing
capacitor (CCT) can then be determined for desired oper-
ating frequency (fO) using the relation:
C
f
R
R
CT
O
CT
CT
≈
()−()
()+()
 − ()
−
−
1
100 10
185
175
2 5 10
3 375
9
3
/
/.
.
..
/
A plot of Operating Frequency vs RCT and CCT is shown in
Figure 2. Typical 100kHz operational values are CCT =
1000pF and RCT = 16.9k.
R1
R2
VOUT
1339 • F01
VFB
SGND
LT1339
9
8
Figure 1. Programming LT1339 Output Voltage
If high value feedback resistors are used, the input bias
current of the VFB pin (1µA maximum) could cause a slight
increase in output voltage. A Thevenin resistance at the
VFB pin of <5k is recommended.
Oscillator Components RCT and CCT
The LT1339 oscillator creates a modified sawtooth wave
at its timing node (CT) with a slow charge, rapid discharge
characteristic. The rapid discharge time corresponds to
Figure 2. Oscillator Frequency vs RCT, CCT
Average Current Limit
The average current limit function is implemented using
an external capacitor (CAVG) connected from IAVG to SGND
that forms a single pole integrator with the 50k
Ω output
TIMING RESISTOR (k
Ω)
0
15
25
LT1339 • F02
510
20
160
140
120
100
80
60
40
20
0
30
CCT = 3.3nF
CCT = 2.2nF
CCT = 1.5nF
CCT = 1.0nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com