Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1339C Datasheet(PDF) 11 Page - Linear Technology

Part # LT1339C
Description  High Power Synchronous DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339C Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1339C Datasheet HTML 7Page - Linear Technology LT1339C Datasheet HTML 8Page - Linear Technology LT1339C Datasheet HTML 9Page - Linear Technology LT1339C Datasheet HTML 10Page - Linear Technology LT1339C Datasheet HTML 11Page - Linear Technology LT1339C Datasheet HTML 12Page - Linear Technology LT1339C Datasheet HTML 13Page - Linear Technology LT1339C Datasheet HTML 14Page - Linear Technology LT1339C Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1339
APPLICATIONS INFORMATION
impedance of the IAVG pin. The integrator corner fre-
quency is typically set 1 to 2 orders of magnitude below the
oscillator frequency and follows the relation:
f–3dB = (3.2)(10
–6)/CAVG
The average current limit function can be disabled by
shorting the IAVG pin directly to SGND.
Soft Start Programming
The current control pin (VC) limits sensed inductor current
to zero at voltages less than a transistor VBE, to full average
current limit at VC = VBE + 1.8V. This generates a 1.8V full
regulation range for average load current. An internal
voltage clamp forces the VC pin to a VBE – 100mV above
the SS pin voltage. This 100mV “dead zone” assures 0%
duty cycle operation at the start of the soft start cycle, or
when the soft start pin is pulled to ground. Given the
typical soft start current of 8
µA and a soft start timing
capacitor CSS, the start-up delay time to full available
average current will be:
tSS = (1.5)(10
5)(CSS)
Boost Supply
The VBOOST supply is bootstrapped via an external capaci-
tor. This supply provides gate drive to the topside switch
FET. The bootstrap capacitor is charged from 12VIN through
a diode when the switch node is pulled low.
The diode reverse breakdown voltage must be greater than
VIN + 12VIN. The bootstrap capacitor should be at least 100
times greater than the total input capacitance of the
topside FET. A capacitor in the range of 0.1
µF to 1µF is
generally adequate for most applications.
Shutdown Function — Input Undervoltage Detect and
Threshold Hysteresis
The LT1339 RUN/SHDN pin uses a bandgap generated
reference threshold of about 1.25V. This precision thresh-
old allows use of the RUN/SHDN pin for both logic-level
shutdown applications and analog monitoring applica-
tions such as power supply sequencing.
Because an LT1339 controlled converter is a power trans-
fer device, a voltage that is lower than expected on the
input supply could require currents that exceed the sourc-
ing capabilities of that supply, causing the system to lock
up in an undervoltage state. Input supply start-up protec-
tion can be achieved by enabling the RUN/SHDN pin using
a resistor divider from the input supply to ground. Setting
the divider output to 1.25V when that supply is almost fully
enabled prevents the LT1339 regulator from drawing large
currents until the input supply is able to provide the
required power.
If additional hysteresis is desired for the enable function,
an external feedback resistor can be used from the LT1339
regulator output. If connection to the regulator output is
not desired, the 5VREF internal supply pin can be used.
Figure 3 shows a resistor connection on a 48V to 5V
converter that yields a 40V VIN start-up threshold for
regulator enable and also provides about 10% input
referred hysteresis.
The shutdown function can be disabled by connecting the
RUN/SHDN pin to the 12VIN rail. This pin is internally
clamped to 2.5V through a 20k series input resistance and
will therefore draw about 0.5mA when tied directly to 12V.
This additional current can be minimized by making the
connection through an external resistor (100k is typically
used).
Inductor Selection
The inductor for an LT1339 converter is selected based on
output power, operating frequency and efficiency require-
ments. Generally, the selection of inductor value can be
reduced to desired maximum ripple current in the inductor
(
∆I). Forabuckconverter,theminimuminductorvaluefor
a desired maximum operating ripple current can be deter-
mined using the following relation:
10k
300k
VOUT
5V
1339 • F03
5VREF
LT1339
2
RUN/SHDN
13
390k
VIN
48V
OPTION 2
OPTION 1
Figure 3. Input Supply Sequencing Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com