Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1339C Datasheet(PDF) 20 Page - Linear Technology

Part # LT1339C
Description  High Power Synchronous DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339C Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1339C Datasheet HTML 12Page - Linear Technology LT1339C Datasheet HTML 13Page - Linear Technology LT1339C Datasheet HTML 14Page - Linear Technology LT1339C Datasheet HTML 15Page - Linear Technology LT1339C Datasheet HTML 16Page - Linear Technology LT1339C Datasheet HTML 17Page - Linear Technology LT1339C Datasheet HTML 18Page - Linear Technology LT1339C Datasheet HTML 19Page - Linear Technology LT1339C Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1339
©LINEAR TECHNOLOGY CORPORATION 1997
1339fa LT/TP 0299 2K REV A • PRINTED IN THE USA
TYPICAL APPLICATION
48V to 5V 50A DC/DC Converter with Input Supply Start-Up Protection
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1158
Half-Bridge N-Channel MOSFET Driver
Current Limit Protection, 100% of Duty Cycle
LT1160
Half-Bridge N-Channel MOSFET Driver
Up to 60V Input Supply, No Shoot-Through
LT1162
Dual Half-Bridge N-Channel MOSFET Driver
VIN to 60V, Good for Full-Bridge Applications
LT1336
Half-Bridge N-Channel MOSFET Driver
Smooth Operation at High Duty Cycle (95% to 100%)
LTC
® 1530
High Power Step-Down Switching Regulator Controller
Excellent for 5V to 3.xV Up to 50A
LTC1435A
High Efficiency, Low Noise Current Mode Step-Down DC/DC Converter
Drives Synchronous N-Channel MOSFETs
LTC1438
Dual High Efficiency, Low Noise Synchronous Step-Down Controller
Tight 1% Reference
LT1680
High Power DC/DC Current Mode Step-Up Controller
High Side Current Sense, Up to 60V Input
SYNC
5VREF
CT
SL/ADJ
IAVG
SS
VC
SGND
VFB
VREF
VBOOST
TG
TS
12VIN
BG
PGND
PHASE
RUN/SHDN
SENSE–
SENSE+
12V
C12VIN
47
µF
IRFZ44
× 2
IRFZ44
× 4
L1
40
µH
VOUT
5V AT 50A
RFB2
1k
RFB1
3k
LT1339
+
CBST
1
µF
+
COUT
2200
µF
6.3V,
× 4
+
RR1
22k
RR3
51k
RCT
10k
+ C
CT
2200pF
CAVG, 2200pF
CSS, 10µF
CVC, 2200pF
RVC, 4.7k
CREF
0.1
µF
1339 TA01
D1 = IR30BQ060
× 8
Q1, Q3 = FMMT619; Q2, Q4 = FMMT720
L1 = Kool M
µ®, 12T 4X12 ON 77439-A7
Kool M
µ IS A REGISTERED TRADEMARK OF MAGNETICS, INC.
C5VREF
1
µF
DBST
IN5819
Q1
Q2
Q3
Q4
D2
MBR0520
D4
IN914
D1
RS
0.002
Ω
CIN
1500
µF
63V,
× 6
+
VIN
48V
RR2
1.2k
CBG, 1µF
D3
MMSZ4684
RBG
10k
50mA
48V to 5V Efficiency
OUTPUT CURRENT (AMPS)
0
100
95
90
85
80
75
70
65
60
55
50
40
LT1339 • TA02
10
20
30
50
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com