Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1339C Datasheet(PDF) 14 Page - Linear Technology

Part # LT1339C
Description  High Power Synchronous DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339C Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1339C Datasheet HTML 10Page - Linear Technology LT1339C Datasheet HTML 11Page - Linear Technology LT1339C Datasheet HTML 12Page - Linear Technology LT1339C Datasheet HTML 13Page - Linear Technology LT1339C Datasheet HTML 14Page - Linear Technology LT1339C Datasheet HTML 15Page - Linear Technology LT1339C Datasheet HTML 16Page - Linear Technology LT1339C Datasheet HTML 17Page - Linear Technology LT1339C Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1339
APPLICATIONS INFORMATION
RSL1 = 45k and RSL2 = 30k sets the desired reference
voltage and has a REQ of 18k, which meets both design
requirements. Figure 7b shows the slope compensation
effective waveforms both with and without the SL/ADJ
external resistors.
Power MOSFET and Catch Diode Selection
External N-channel MOSFET switches are used with the
LT1339. The positive gate-source drive voltage of the
LT1339 for both switches is roughly equivalent to the
12VIN supply voltage, so standard threshold MOSFETs
can be used.
Selection criteria for the power MOSFETs include the “ON”
resistance (RDS(ON)), reverse transfer capacitance (CRSS),
maximum drain-source voltage (VDSS) and maximum
output current.
The power FETs selected must have a maximum operating
VDSS exceeding the maximum VIN. VGS voltage maximum
must exceed the 12VIN supply voltage.
Once voltage requirements have been determined, RDS(ON)
can be selected based on allowable power dissipation and
required output current.
In an LT1339 buck converter, the average inductor current
is equal to the DC load current. The average currents
through the main and synchronous switches are:
IMAIN = (ILOAD)(DC)
ISYNC = (ILOAD)(1 – DC)
The RDS(ON) required for a given conduction loss can be
calculated using the relation:
PLOSS = (ISWITCH)
2(RDS(ON))
In high voltage applications (VIN > 20V), the topside switch
is required to slew very large voltages. As VIN increases,
transition losses increase through a square relation, until
it becomes the dominant power loss term in the main
switch. This transition loss takes the form:
PTR ≈ (k)(VIN)
2(IMAX)(CRSS)(fO)
where k is a constant inversely related to the gate drive
current, approximated by k = 2 in LT1339 applications.
L
V
H
MIN ≥
() Ω
() −
()
()(
)
=µ
20
0 01
1 5 1
0 084 100000
11 9
..
.
.
Since L = 5
µH is less than LMIN, additional slope compen-
sation is necessary. The total slope compensation
required is:
S
V
H
X ≥
µ


−
()=()
20
5
15 1
2 10
6
.
Amp/s
Subtracting the internally generated slope compensation
and solving for the required effective resistance at SL/ADJ
yields:
R
f
Rf
k
EQ
O
SENSE
O
≤
()( )
()
() − ()( )
=
2500
2 10
0 084
21 5
6
.
.
Setting the resistor divider reference voltage at 2V assures
that the additional compensation waveform will be
enabled at 75% duty cycle. As shown in Figure 7a, using
RSL2
30k
RSL1
45k
1339 • F07a
5VREF
LT1339
2
SL/ADJ
4
Figure 7a. External Slope Compensation Resistors
Figure 7b. Slope Compensation Waveforms
(0.084 + 0.139)(fO)
RSENSE
(0.084)(fO)
RSENSE
2.5V
2V
0.8V
DC = 0.75
1339 • F07b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com