Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1339C Datasheet(PDF) 15 Page - Linear Technology

Part # LT1339C
Description  High Power Synchronous DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339C Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1339C Datasheet HTML 11Page - Linear Technology LT1339C Datasheet HTML 12Page - Linear Technology LT1339C Datasheet HTML 13Page - Linear Technology LT1339C Datasheet HTML 14Page - Linear Technology LT1339C Datasheet HTML 15Page - Linear Technology LT1339C Datasheet HTML 16Page - Linear Technology LT1339C Datasheet HTML 17Page - Linear Technology LT1339C Datasheet HTML 18Page - Linear Technology LT1339C Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1339
APPLICATIONS INFORMATION
∆VOUT ≈ ∆IL{ESR + [(4)(fO) • COUT]–1}
where fO = operating frequency.
Efficiency Considerations and Heat Dissipation
High output power applications have inherent concerns
regarding power dissipation in converter components.
Although high efficiencies are achieved using the LT1339,
the power dissipated in the converter climbs to relatively
high values when the load draws large amounts of power.
Even at 90% efficiency, an application that provides 500W
to the load has conversion loss of 55W.
I2R dissipation through the switches, sense resistor and
inductor series resistance create substantial losses under
high currents. Generally, the dominant I2R loss is evident
in the FET switches. Loss in each switch is proportional to
the conduction time of that switch. For example, in a 48V
to 5V converter the synchronous FET conducts load cur-
rent for almost 90% of the cycle time and thus, requires
greater consideration for dissipating I2R power.
Gate charge/discharge current creates additional current
drain on the 12V supply. If powered from a high voltage
input through a linear regulator, the losses in that regula-
tor device can become significant. A supply solution
bootstrapped from the output would draw current from a
lower voltage source and reduce this loss component.
Transition losses are significant in the topside switch FET
when high VIN voltages are used. Transition losses can be
estimated as:
PTLOSS ≈ 2(VIN)
2(IMAX)(CRSS)(fO)
Since the conduction time in the main switch of a 48V to
5V converter is small, the I2R loss in the main switch FET
is also small. However, since the FET gate must switch up
past the 48V input voltage, transition loss can become a
significant factor. In such a case, it is often prudent to take
the increased I2R loss of a smaller FET in order to reduce
CRSS and thus, the associated transition losses.
Gate Drive Buffers
The LT1339 is designed to drive relatively large capacitive
loads. However, in certain applications, efficiency im-
provements can be realized by adding an external buffer
stage to drive the gates of the FET switches. When the
The maximum power loss terms for the switches are thus:
PMAIN = (DC)(IMAX)
2(1 +
δ)(RDS(ON)) +
2(VIN)
2(IMAX)(CRSS)(fO)
PSYNC = (1 – DC)(IMAX)
2(1 +
δ)(RDS(ON))
The (1 +
δ) term in the above relations is the temperature
dependency of RDS(ON), typically given in the form of a
normalized RDS(ON) vs Temperature curve in a MOSFET
data sheet.
In some applications, parasitic FET capacitances couple
the negative going switch node transient onto the bottom
gate drive pin of the LT1339, causing a negative voltage in
excess of the Absolute Maximum Rating to be imposed on
that pin. Connection of a catch Schottky (rated to about 1A
is typically sufficient) from this pin to ground will eliminate
this effect.
CIN and COUT Supply Decoupling Capacitor Selection
The large currents typical of LT1339 applications require
special consideration for the converter input and output
supply decoupling capacitors. Under normal steady state
operation, the source current of the main switch MOSFET
is a square wave of duty cycle VOUT/VIN. Most of this
current is provided by the input bypass capacitor. To
prevent large input voltage transients and avoid bypass
capacitor heating, a low ESR input capacitor sized for the
maximum RMS current must be used. This maximum
capacitor RMS current follows the relation:
I
IV
V
V
V
RMS
MAX
OUT
IN
OUT
IN
≈ ()
(
)
()
–
/
12
which peaks at a 50% duty cycle, when IRMS = IMAX/2.
Capacitor ripple current ratings are often based on only
2000 hours (three months) lifetime; it is advisable to
derate either the ESR or temperature rating of the capaci-
tor for increased MTBF of the regulator.
The output capacitor in a buck converter generally has
much less ripple current than the input capacitor. Peak-to-
peak ripple current is equal to that in the inductor (
∆IL),
typically a fraction of the load current. COUT is selected to
reduce output voltage ripple to a desirable value given an
expected output ripple current. Output ripple (
∆VOUT) is
approximated by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com