Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1370IR Datasheet(PDF) 9 Page - Linear Technology

Part # LT1370IR
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370IR Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1370IR Datasheet HTML 5Page - Linear Technology LT1370IR Datasheet HTML 6Page - Linear Technology LT1370IR Datasheet HTML 7Page - Linear Technology LT1370IR Datasheet HTML 8Page - Linear Technology LT1370IR Datasheet HTML 9Page - Linear Technology LT1370IR Datasheet HTML 10Page - Linear Technology LT1370IR Datasheet HTML 11Page - Linear Technology LT1370IR Datasheet HTML 12Page - Linear Technology LT1370IR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1370
APPLICATIO S I FOR ATIO
tested for low ESR, so they give the lowest ESR for a given
volume. To further reduce ESR, multiple output capaci-
tors can be used in parallel. The value in microfarads is
not particularly critical, and values from 22
µF to greater
than 500
µF work well, but you cannot cheat mother
nature on ESR. If you find a tiny 22
µF solid tantalum
capacitor, it will have high ESR and output ripple voltage
will be terrible. Table 1 shows some typical solid tantalum
surface mount capacitors.
Table 1. Surface Mount Solid Tantalum Capacitor
ESR and Ripple Current
E CASE SIZE
ESR (MAX
Ω)
RIPPLE CURRENT (A)
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
AVX TAJ
0.7 to 0.9
0.4
D CASE SIZE
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
AVX TAJ
0.9 to 2.0
0.36 to 0.24
C CASE SIZE
AVX TPS
0.2 (Typ)
0.5 (Typ)
AVX TAJ
1.8 to 3.0
0.22 to 0.17
B CASE SIZE
AVX TAJ
2.5 to 10
0.16 to 0.08
Many engineers have heard that solid tantalum capacitors
are prone to failure if they undergo high surge currents.
This is historically true and AVX type TPS capacitors are
specially tested for surge capability, but surge ruggedness
is not a critical issue with the
output capacitor. Solid
tantalum capacitors fail during very high
turn-on surges,
which do not occur at the output of regulators. High
discharge surges, such as when the regulator output is
dead-shorted, do not harm the capacitors.
Single inductor boost regulators have large RMS ripple
current in the output capacitor, which must be rated to
handle the current. The formula to calculate this is:
Output Capacitor Ripple Current (RMS)
IRIPPLE (RMS) = IOUT
= IOUT
VOUT – VIN
VIN
DC
1 – DC
DC = Switch duty cycle
IPEAK = (IOUT)
VIN = Minimum input voltage
f = 500kHz switching frequency
+
VOUT
VIN
VIN(VOUT – VIN)
2(f)(L)(VOUT)
)
)
3. Decide if the design can tolerate an “open” core geom-
etry, like a rod or barrel, which has high magnetic field
radiation, or whether it needs a closed core, like a
toroid, to prevent EMI problems. One would not want an
open core next to a magnetic storage media, for
instance! This is a tough decision because the rods or
barrels are temptingly cheap and small and there are no
helpful guidelines to calculate when the magnetic field
radiation will be a problem.
4. Start shopping for an inductor that meets the
requirements of core shape, peak current (to avoid
saturation), average current (to limit heating) and fault
current. If the inductor gets too hot, wire insulation will
melt and cause turn-to-turn shorts. Keep in mind that
all good things like high efficiency, low profile and high
temperature operation will increase cost, sometimes
dramatically.
5. After making an initial choice, consider the secondary
things like output voltage ripple, second sourcing, etc.
Use the experts in the LTC Applications Department if
you feel uncertain about the final choice. They have
experience with a wide range of inductor types and can
tell you about the latest developments in low profile,
surface mounting, etc.
Output Capacitor
The output capacitor is normally chosen by its effective
series resistance (ESR), because this is what determines
output ripple voltage. At 500kHz any polarized capacitor
is essentially resistive. To get low ESR takes
volume, so
physically smaller capacitors have high ESR. The ESR
range needed for typical LT1370 applications is 0.025
Ω
to 0.2
Ω. A typical output capacitor is an AVX type TPS,
22
µF at 25V (two each), with a guaranteed ESR less than
0.2
Ω. This is a “D” size surface mount solid tantalum
capacitor. TPS capacitors are specially constructed and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com