Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1370IR Datasheet(PDF) 7 Page - Linear Technology

Part # LT1370IR
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370IR Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1370IR Datasheet HTML 3Page - Linear Technology LT1370IR Datasheet HTML 4Page - Linear Technology LT1370IR Datasheet HTML 5Page - Linear Technology LT1370IR Datasheet HTML 6Page - Linear Technology LT1370IR Datasheet HTML 7Page - Linear Technology LT1370IR Datasheet HTML 8Page - Linear Technology LT1370IR Datasheet HTML 9Page - Linear Technology LT1370IR Datasheet HTML 10Page - Linear Technology LT1370IR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1370
Unique error amplifier circuitry allows the LT1370 to
directly regulate negative output voltages. The negative
feedback amplifier’s 100k source resistor is brought out
for negative output voltage sensing. The NFB pin regulates
at – 2.48V while the amplifier output internally drives the
FB pin to 1.245V. This architecture, which uses the same
main error amplifier, prevents duplicating functions and
maintains ease of use. Consult LTC Marketing for units
that can regulate down to – 1.25V.
The error signal developed at the amplifier output is
brought out externally. This pin (VC) has three different
functions. It is used for frequency compensation, current
limit adjustment and soft starting. During normal regula-
tor operation this pin sits at a voltage between 1V (low
output current) and 1.9V (high output current). The error
amplifier is a current output (gm) type, so this voltage can
be externally clamped for lowering current limit. Like-
wise, a capacitor coupled external clamp will provide soft
start. Switch duty cycle goes to zero if the VC pin is pulled
below the control pin threshold, placing the LT1370 in an
idle mode.
Positive Output Voltage Setting
The LT1370 develops a 1.245V reference (VREF) from the
FB pin to ground. Output voltage is set by connecting the
FB pin to an output resistor divider (Figure 1). The FB pin
bias current represents a small error and can usually be
ignored for values of R2 up to 7k. The suggested value for
R2 is 6.19k. The NFB pin is normally left open for positive
output applications. Positive fixed voltage versions are
available (consult LTC Marketing).
Negative Output Voltage Setting
The LT1370 develops a – 2.48V reference (VNFR) from the
NFB pin to ground. Output voltage is set by connecting the
NFB pin to an output resistor divider (Figure 2). The
–30
µA NFB pin bias current (INFB) can cause output
voltage errors and should not be ignored. This has been
accounted for in the formula in Figure 2. The suggested
value for R2 is 2.49k. The FB pin is normally left open for
negative output applications.
Dual Polarity Output Voltage Sensing
Certain applications benefit from sensing both positive
and negative output voltages. One example is the “Dual
Output Flyback Converter with Overvoltage Protection”
circuit shown in the Typical Applications section. Each
output voltage resistor divider is individually set as
described above. When both the FB and NFB pins are used,
R1
VOUT = VREF 1 +
R2
FB
PIN
VREF
VOUT
()R1
R2
R1 = R2
– 1
()
VOUT
1.245
LT1370 • F01
APPLICATIO S I FOR ATIO
Figure 1. Positive Output Resistor Divider
the LT1370 acts to prevent either output from going
beyond its set output voltage. For example, in this applica-
tion if the positive output were more heavily loaded than
the negative, the negative output would be greater and
would regulate at the desired set-point voltage. The posi-
tive output would sag slightly below its set-point voltage.
This technique prevents either output from going unregu-
lated high at no load.
Figure 2. Negative Output Resistor Divider
R1
–VOUT = VNFB
+ INFB (R1)
1 +
R2
LT1370 • F02
NFB
PIN
VNFR
INFB
–VOUT
()R1
R2
R1 =
+ 30 • 10
–6
VOUT– 2.48
( ) (
)
2.48
R2
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com