Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1370IR Datasheet(PDF) 2 Page - Linear Technology

Part # LT1370IR
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370IR Datasheet(HTML) 2 Page - Linear Technology

  LT1370IR Datasheet HTML 1Page - Linear Technology LT1370IR Datasheet HTML 2Page - Linear Technology LT1370IR Datasheet HTML 3Page - Linear Technology LT1370IR Datasheet HTML 4Page - Linear Technology LT1370IR Datasheet HTML 5Page - Linear Technology LT1370IR Datasheet HTML 6Page - Linear Technology LT1370IR Datasheet HTML 7Page - Linear Technology LT1370IR Datasheet HTML 8Page - Linear Technology LT1370IR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1370
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ....................................................... 30V
Switch Voltage
LT1370 ............................................................... 35V
LT1370HV .......................................................... 42V
S/S, SHDN, SYNC Pin Voltage ................................ 30V
Feedback Pin Voltage (Transient, 10ms) ..............
±10V
Feedback Pin Current ........................................... 10mA
Negative Feedback Pin Voltage
(Transient, 10ms) .............................................
±10V
Operating Ambient Temperature Range ...... 0
°C to 70°C
Operating Junction Temperature Range
Commercial .......................................... 0
°C to 125°C
Industrial ......................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
ELECTRICAL C
C
HARA TERISTICS
VIN = 5V, VC = 0.6V, VFB = VREF, VSW, S/S and NFB pins open, TA = 25°C unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
Measured at Feedback Pin
1.230
1.245
1.260
V
VC = 0.8V
q
1.225
1.245
1.265
V
IFB
Feedback Input Current
VFB = VREF
250
550
nA
q
900
nA
Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.03
%/V
VNFR
Negative Feedback Reference Voltage
Measured at Negative Feedback Pin
– 2.525
– 2.48
– 2.435
V
Feedback Pin Open, VC = 0.8V
q
– 2.560
– 2.48
– 2.400
V
INFB
Negative Feedback Input Current
VNFB = VNFR
q
–45
– 30
–15
µA
Negative Feedback Reference Voltage
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.05
%/V
Line Regulation
gm
Error Amplifier Transconductance
∆IC = ±25µA
1100
1500
1900
µmho
q
700
2300
µmho
Error Amplifier Source Current
VFB = VREF – 150mV, VC = 1.5V
q
120
200
350
µA
Error Amplifier Sink Current
VFB = VREF + 150mV, VC = 1.5V
q
1400
2400
µA
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 30°C/W, θJC = 4°C/W
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
GND
VIN
NFB
VSW
GND
S/S
FB
VC
7
6
5
4
3
2
1
ORDER PART
NUMBER
WITH PACKAGE SOLDERED TO 0.5 INCH2 COPPER
AREA OVER BACKSIDE GROUND PLANE OR INTERNAL
POWER PLANE.
θJA CAN VARY FROM 20°C/W TO
>40
°C/W DEPENDING ON MOUNTING TECHNIQUE
ORDER PART
NUMBER
T7 PACKAGE
7-LEAD TO-220
VIN
NFB
VSW
GND
S/S
FB
VC
FRONT VIEW
7
6
5
4
3
2
1
TAB
IS
GND
TJMAX = 125°C, θJA = 50°C/W, θJC = 4°C/W
Consult factory for Military grade parts.
LT1370CR
LT1370HVCR
LT1370IR
LT1370HVIR
LT1370CT7
LT1370HVCT7
LT1370IT7
LT1370HVIT7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com