Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1370IR Datasheet(PDF) 16 Page - Linear Technology

Part # LT1370IR
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370IR Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1370IR Datasheet HTML 8Page - Linear Technology LT1370IR Datasheet HTML 9Page - Linear Technology LT1370IR Datasheet HTML 10Page - Linear Technology LT1370IR Datasheet HTML 11Page - Linear Technology LT1370IR Datasheet HTML 12Page - Linear Technology LT1370IR Datasheet HTML 13Page - Linear Technology LT1370IR Datasheet HTML 14Page - Linear Technology LT1370IR Datasheet HTML 15Page - Linear Technology LT1370IR Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1370
© LINEAR TECHNOLOGY CORPORATION 1998
1370f LT/TP 0198 4K • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1171
100kHz 2.5A Boost Switching Regulator
Good for Up to VIN = 40V
LTC
®1265
12V 1.2A Monolithic Buck Converter
Converts 5V to 3.3V at 1A with 90% Efficiency
LT1302
Micropower 2A Boost Converter
Converts 2V to 5V at 600mA in SO-8 Packages
LT1372
500kHz 1.5A Boost Switching Regulator
Also Regulates Negative Flyback Outputs
LT1373
Low Supply Current 250kHz 1.5A Boost Switching Regulator
90% Efficient Boost Converter with Constant Frequency
LT1374
500kHz 4.5A Buck Switching Regulator
Converts 12V to 3.3V at 2.5A in SO-8 Package
LT1376
500kHz 1.5A Buck Switching Regulator
Steps Down from Up to 25V Using 4.7
µH Inductors
LT1512
500kHz 1.5A SEPIC Battery Charger
Input Voltage May Be Greater or Less Than Battery Voltage
LT1513
500kHz 3A SEPIC Battery Charger
Input Voltage May Be Greater or Less Than Battery Voltage
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com