Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1370IR Datasheet(PDF) 12 Page - Linear Technology

Part # LT1370IR
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370IR Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1370IR Datasheet HTML 8Page - Linear Technology LT1370IR Datasheet HTML 9Page - Linear Technology LT1370IR Datasheet HTML 10Page - Linear Technology LT1370IR Datasheet HTML 11Page - Linear Technology LT1370IR Datasheet HTML 12Page - Linear Technology LT1370IR Datasheet HTML 13Page - Linear Technology LT1370IR Datasheet HTML 14Page - Linear Technology LT1370IR Datasheet HTML 15Page - Linear Technology LT1370IR Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1370
TYPICAL APPLICATIONS N
Positive-to-Negative Converter with Direct Feedback
LT1370
VIN
VC
VIN
2.7V TO 13V
*BH ELECTRONICS 501-0726
GND
NFB
LT1370 • TA03
VSW
S/S
D2
P6KE-15A
D3
1N4148
D1
MBRD835L
C1
100
µF
C2
0.047
µF
C3
0.0047
µF
R1
2k
R3
2.49k
1%
R2
2.49k
1%
–VOUT
†
–5V
C4
100
µF
× 2
ON
OFF
VIN
3V
5V
9V
IOUT
1.75A
2.25A
3A
2
1
4
T1*
3
•
•
†MAX I
OUT
+
+
Dual Output Flyback Converter with Overvoltage Protection
LT1370
VIN
FB
VC
VIN
2.7V TO 10V
*DALE LPE-5047-100MB
GND
NFB
LT1370 • TA04
VSW
S/S
P6KE-20A
1N4148
MBRS360T3
MBRS360T3
C1
22
µF
R2
6.19k
1%
R1
13k
1%
C2
0.047
µF
C3
0.0047
µF
R3
2k
R5
2.49k
1%
R4
12.1k
1%
–VOUT
–15V
VOUT
15V
C4
47
µF
C5
47
µF
ON
OFF
2, 3
8, 9
7
T1*
4
10
1
•
•
•
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com