Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1376CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1376CS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1376CS8 Datasheet HTML 12Page - Linear Technology LT1376CS8 Datasheet HTML 13Page - Linear Technology LT1376CS8 Datasheet HTML 14Page - Linear Technology LT1376CS8 Datasheet HTML 15Page - Linear Technology LT1376CS8 Datasheet HTML 16Page - Linear Technology LT1376CS8 Datasheet HTML 17Page - Linear Technology LT1376CS8 Datasheet HTML 18Page - Linear Technology LT1376CS8 Datasheet HTML 19Page - Linear Technology LT1376CS8 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LT1375/LT1376
APPLICATIONS INFORMATION
(magnetic) radiation is minimized by keeping catch diode,
switch pin, and input bypass capacitor leads as short as
possible. E field radiation is kept low by minimizing the
length and area of all traces connected to the switch pin
and BOOST pin. A ground plane should always be used
under the switcher circuitry to prevent interplane cou-
pling. A suggested layout for the critical components is
shown in Figure 5. Note that the feedback resistors and
compensation components are kept as far as possible
from the switch node. Also note that the high current
ground path of the catch diode and input capacitor are kept
very short and separate from the analog ground line.
The high speed switching current path is shown schemati-
cally in Figure 6. Minimum lead length in this path is
essential to ensure clean switching and low EMI. The path
including the switch, catch diode, and input capacitor is
the only one containing nanosecond rise and fall times. If
you follow this path on the PC layout, you will see that it is
irreducibly short. If you move the diode or input capacitor
away from the LT1376, get your resumé in order. The
other paths contain only some combination of DC and
500kHz triwave, so are much less critical.
Figure 5. Suggested Layout
INPUT
C2
C3
D2
CC
RC
R1
C1
1375/76 F05
D1
L1
R2
BOOST
IN
SW
BIAS
VC
FB
GND
SHDN
SHUTDOWN
OUTPUT
MINIMIZE AREA OF
CONNECTIONS TO THE
SWITCH NODE AND
BOOST NODE
KEEP INPUT CAPACITOR
AND CATCH DIODE CLOSE
TO REGULATOR AND
TERMINATE THEM
TO SAME POINT
CONNECT OUTPUT CAPACITOR
DIRECTLY TO HEAVY GROUND
TAKE OUTPUT DIRECTLY FROM END OF OUTPUT
CAPACITOR TO AVOID PARASITIC RESISTANCE
AND INDUCTANCE (KELVIN CONNECTION)
MINIMIZE SIZE OF
FEEDBACK PIN
CONNECTIONS TO
AVOID PICKUP
TERMINATE
FEEDBACK RESISTORS
AND COMPENSATION
COMPONENTS
DIRECTLY TO SWITCHER
GROUND PIN
GROUND RING NEED
NOT BE AS SHOWN.
(NORMALLY EXISTS AS
INTERNAL PLANE)
Figure 6. High Speed Switching Path
1375/76 F06
5V
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
LOAD
SWITCH NODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com