Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1376CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1376CS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1376CS8 Datasheet HTML 16Page - Linear Technology LT1376CS8 Datasheet HTML 17Page - Linear Technology LT1376CS8 Datasheet HTML 18Page - Linear Technology LT1376CS8 Datasheet HTML 19Page - Linear Technology LT1376CS8 Datasheet HTML 20Page - Linear Technology LT1376CS8 Datasheet HTML 21Page - Linear Technology LT1376CS8 Datasheet HTML 22Page - Linear Technology LT1376CS8 Datasheet HTML 23Page - Linear Technology LT1376CS8 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LT1375/LT1376
APPLICATIONS INFORMATION
Error amplifier transconductance phase and gain are shown
in Figure 14. The error amplifier can be modeled as a
transconductance of 2000
µMho, with an output imped-
ance of 200k
Ω in parallel with 12pF. In all practical
applications, the compensation network from VC pin to
ground has a much lower impedance than the output
impedance of the amplifier at frequencies above 500Hz.
This means that the error amplifier characteristics them-
selves do not contribute excess phase shift to the loop, and
the phase/gain characteristics of the error amplifier sec-
tion are completely controlled by the external compensa-
tion network.
In Figure 15, full loop phase/gain characteristics are
shown with a compensation capacitor of 0.0033
µF, giving
the error amplifier a pole at 240Hz, with phase rolling off
to 90
° and staying there. The overall loop has a gain of
introduce multiple poles into the feedback loop. The
inductor and output capacitor on a conventional step-
down converter actually form a resonant tank circuit that
can exhibit peaking and a rapid 180
° phase shift at the
resonant frequency. By contrast, the LT1376 uses a “cur-
rent mode” architecture to help alleviate phase shift cre-
ated by the inductor. The basic connections are shown in
Figure 12. Figure 13 shows a Bode plot of the phase and
gain of the power section of the LT1376, measured from
the VC pin to the output. Gain is set by the 2A/V transcon-
ductance of the LT1376 power section and the effective
complex impedance from output to ground. Gain rolls off
smoothly above the 100Hz pole frequency set by the
100
µF output capacitor. Phase drop is limited to about
85
°. Phase recovers and gain levels off at the zero fre-
quency (
≈16kHz) set by capacitor ESR (0.1Ω).
Figure 13. Response from VC Pin to Output
Figure 15. Overall Loop Characteristics
FREQUENCY (Hz)
40
20
0
–20
–40
40
0
–40
–80
–120
10
1k
10k
1M
1375/76 F13
100
100k
GAIN
PHASE
VIN = 10V
VOUT = 5V
IOUT = 500mA
FREQUENCY (Hz)
80
60
40
20
0
–20
200
150
100
50
0
–50
10
1k
10k
1M
1375/76 F15
100
100k
GAIN
PHASE
VIN = 10V
VOUT = 5V, IOUT = 500mA
COUT = 100µF, 10V, AVX TPS
CC = 3.3nF, RC = 0, L = 10µH
Figure 12. Model for Loop Response
Figure 14. Error Amplifier Gain and Phase
2.42V
VSW
VC
LT1375
LT1376
GND
1375/76 F12
R1
OUTPUT
ESR
CF
CC
RC
ERROR
AMPLIFIER
FB
+
R2
C1
CURRENT MODE
POWER STAGE
gm = 2A/V
FREQUENCY (Hz)
3000
2500
2000
1500
1000
500
200
150
100
50
0
–50
100
10k
100k
10M
1375/76 F14
1k
1M
GAIN
PHASE
ROUT
200k
COUT
12pF
VC
ERROR AMPLIFIER EQUIVALENT CIRCUIT
RLOAD = 50Ω
VFB 2 • 10
–3
)
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com