Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1376CS8 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1376CS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376CS8 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1376CS8 Datasheet HTML 17Page - Linear Technology LT1376CS8 Datasheet HTML 18Page - Linear Technology LT1376CS8 Datasheet HTML 19Page - Linear Technology LT1376CS8 Datasheet HTML 20Page - Linear Technology LT1376CS8 Datasheet HTML 21Page - Linear Technology LT1376CS8 Datasheet HTML 22Page - Linear Technology LT1376CS8 Datasheet HTML 23Page - Linear Technology LT1376CS8 Datasheet HTML 24Page - Linear Technology LT1376CS8 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LT1375/LT1376
APPLICATIONS INFORMATION
77dB at low frequency, rolling off to unity-gain at 20kHz.
Phase shows a two-pole characteristic until the ESR of the
output capacitor brings it back above 10kHz. Phase mar-
gin is about 60
° at unity-gain.
Analog experts will note that around 1kHz, phase dips very
close to the zero phase margin line. This is typical of switch-
ing regulators, especially those that operate over a wide
range of loads. This region of low phase is not a problem
as long as it does not occur near unity-gain. In practice, the
variability of output capacitor ESR tends to dominate all
other effects with respect to loop response. Variations in
ESR
will cause unity-gain to move around, but at the same
time phase moves with it so that adequate phase margin
is maintained over a very wide range of ESR (
≥ ±3:1).
What About a Resistor in the Compensation Network?
It is common practice in switching regulator design to add
a “zero” to the error amplifier compensation to increase
loop phase margin. This zero is created in the external
network in the form of a resistor (RC) in series with the
compensation capacitor. Increasing the size of this resis-
tor generally creates better and better loop stability, but
there are two limitations on its value. First, the combina-
tion of output capacitor ESR and a large value for RC may
cause loop gain to stop rolling off altogether, creating a
gain margin problem. An approximate formula for RC
where gain margin falls to zero is:
R Loop
V
G
G
ESR
C
OUT
MP
MA
Gain = 1
()=()( )( )( )
242
.
GMP = Transconductance of power stage = 2A/V
GMA = Error amplifier transconductance = 2 × 10–3
ESR = Output capacitor ESR
2.42 = Reference voltage
With VOUT = 5V and ESR = 0.1Ω, a value of 5.17k for RC
would yield zero gain margin, so this represents an upper
limit. There is a second limitation however which has
nothing to do with theoretical small signal dynamics. This
resistor sets high frequency gain of the error amplifier,
including the gain at the switching frequency. If switching
frequency gain is high enough, output ripple voltage will
appear at the VC pin with enough amplitude to muck up
proper operation of the regulator. In the marginal case,
subharmonic switching occurs, as evidenced by alternat-
ing pulse widths seen at the switch node. In more severe
cases, the regulator squeals or hisses audibly even though
the output voltage is still roughly correct. None of this will
show on a theoretical Bode plot because Bode is an
amplitude insensitive analysis.
Tests have shown that if
ripple voltage on the VC is held to less than 100mVP-P, the
LT1376 will be well behaved. The formula below will give
an estimate of VC ripple voltage when RC is added to the
loop, assuming that RC is large compared to the reactance
of CC at 500kHz.
V
R
G
V
V
ESR
VL f
C RIPPLE
C
MA
IN
OUT
IN
(
) =
()( ) −
()( )( )
()( )( )
24
.
GMA = Error amplifier transconductance (2000µMho)
If a computer simulation of the LT1376 showed that a
series compensation resistor of 3k gave best overall loop
response, with adequate gain margin, the resulting VC pin
ripple voltage with VIN = 10V, VOUT = 5V, ESR = 0.1Ω,
L = 10
µH, would be:
V
k
V
C RIPPLE
(
)
−
−
=
()
−
()( )( )
()
=
3
2 10
10 5 0 1 2 4
10 10 10
500 10
0 144
3
63
•.
.
••
.
This ripple voltage is high enough to possibly create
subharmonic switching. In most situations a compromise
value (< 2k in this case) for the resistor gives acceptable
phase margin and no subharmonic problems. In other
cases, the resistor may have to be larger to get acceptable
phase response, and some means must be used to control
ripple voltage at the VC pin. The suggested way to do this
is to add a capacitor (CF) in parallel with the RC/CC network
on the VC pin. Pole frequency for this capacitor is typically
set at one-fifth of switching frequency so that it provides
significant attenuation of switching ripple, but does not
add unacceptable phase shift at loop unity-gain frequency.
With RC = 3k,
C
fR
k
pF
F
C
= ()( )( )= 
()
=
5
2
5
2
500 10
3
531
3
π
π
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com