Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1376CS8 Datasheet(PDF) 25 Page - Linear Technology

Part # LT1376CS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376CS8 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT1376CS8 Datasheet HTML 20Page - Linear Technology LT1376CS8 Datasheet HTML 21Page - Linear Technology LT1376CS8 Datasheet HTML 22Page - Linear Technology LT1376CS8 Datasheet HTML 23Page - Linear Technology LT1376CS8 Datasheet HTML 24Page - Linear Technology LT1376CS8 Datasheet HTML 25Page - Linear Technology LT1376CS8 Datasheet HTML 26Page - Linear Technology LT1376CS8 Datasheet HTML 27Page - Linear Technology LT1376CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LT1375/LT1376
APPLICATIONS INFORMATION
INDUCTOR VALUE
Unlike buck converters, positive-to-negative converters
cannot use large inductor values to reduce output ripple
voltage. At 500kHz, values larger than 25
µH make almost
no change in output ripple. The graph in Figure 19 shows
peak-to-peak output ripple voltage for a 5V to – 5V con-
verter versus inductor value. The criteria for choosing the
inductor is therefore typically based on ensuring that peak
switch current rating is not exceeded. This gives the
lowest value of inductance that can be used, but in some
cases (lower output load currents) it may give a value that
creates unnecessarily high output ripple voltage. A com-
promise value is often chosen that reduces output ripple.
As you can see from the graph,
large inductors will not
give arbitrarily low ripple, but
small inductors can give
high ripple.
INDUCTOR SIZE (
µH)
0
150
120
90
60
30
0
20
1375/76 F19
5
10
15
25
5V TO –5V CONVERTER
OUTPUT CAPACITOR
ESR = 0.1
Ω
ILOAD = 0.25A
ILOAD = 0.1A
Figure 19. Ripple Voltage on Positive-to-Negative Converter
The difficulty in calculating the minimum inductor size
needed is that you must first know whether the switcher
will be in continuous or discontinuous mode at the critical
point where switch current is 1.5A. The first step is to use
the following formula to calculate the load current where
the switcher must use continuous mode. If your load
current is less than this, use the discontinuous mode
formula to calculate minimum inductor needed. If load
current is higher, use the continuous mode formula.
Output current where continuous mode is needed:
I
VI
VV
VV
V
CONT
IN
P
IN
OUT
IN
OUT
F
=
() ( )
+
() ++
()
22
4
Minimum inductor discontinuous mode:
L
VI
fI
MIN
OUT
OUT
P
= ()(
)
()( )
2
2
Minimum inductor continuous mode:
L
VV
fV
V
I
I
VV
V
MIN
IN
OUT
IN
OUT
P
OUT
OUT
F
IN
=
()( )
() +
() −+
+
()
21
For the example above, with maximum load current of
0.25A:
IA
CONT =
() ( )
+
() ++
()
=
51 5
4 5 5 550 5
037
22
.
.
.
This says that discontinuous mode can be used and the
minimum inductor needed is found from:
LH
MIN =
()( )
()
=
25 0 25
500 10
1 5
22
3
2
.
•.
.
µ
In practice, the inductor should be increased by about
30% over the calculated minimum to handle losses and
variations in value. This suggests a minimum inductor of
3
µH for this application, but looking at the ripple voltage
chart shows that output ripple voltage could be reduced by
a factor of two by using a 15
µH inductor. There is no rule



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com