Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1637CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1637CS8 Datasheet HTML 4Page - Linear Technology LT1637CS8 Datasheet HTML 5Page - Linear Technology LT1637CS8 Datasheet HTML 6Page - Linear Technology LT1637CS8 Datasheet HTML 7Page - Linear Technology LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology LT1637CS8 Datasheet HTML 10Page - Linear Technology LT1637CS8 Datasheet HTML 11Page - Linear Technology LT1637CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1637
Open-Loop Gain
0V
10V
OUTPUT VOLTAGE (5V/DIV)
C
1637 G24
1637 G25
A: RL = 2k
B: RL = 10k
C: RL = 50k
Large-Signal Response
1637 G26
Small-Signal Response
A
B
–10V
Supply Voltage
The positive supply pin of the LT1637 should be bypassed
with a small capacitor (about 0.01
µF) within an inch of the
pin. When driving heavy loads an additional 4.7
µF electro-
lytic capacitor should be used. When using split supplies,
the same is true for the negative supply pin.
The LT1637 is protected against reverse battery voltages
up to 25V. In the event a reverse battery condition occurs,
the supply current is typically less than 1nA.
When operating the LT1637 on total supplies of 30V or
more, the supply must not be brought up faster than 1
µs.
This is especially true if low ESR bypass capacitors are
used. A series RLC circuit is formed from the supply lead
inductance and the bypass capacitor. 5
Ω of resistance in
the supply or the bypass capacitor will dampen the tuned
circuit enough to limit the rise time.
TYPICAL PERFOR A CE CHARACTERISTICS
Total Harmonic Distortion + Noise
vs Load Resistance
Total Harmonic Distortion + Noise
vs Output Voltage
LOAD RESISTANCE TO GROUND (
Ω)
0.001
0.01
0.1
1
1k
10k
100k
1637 G22
0.0001
100
VS = 3V TOTAL
AV = 1
VIN = 1.8VP-P AT 1kHz
VS = 3V, 0V
VIN = 0.3V TO 2.1V
VS = ±1.5V
VIN = ±0.9V
VS = 3V, 0V
VIN = 0.6V TO 2.4V
OUTPUT VOLTAGE (VP-P)
0.01
1
10
02
3
1637 G23
0.001
1
0.1
RL = 10k
VCM = HALF SUPPLY
f = 1kHz
FOR AV = –1, RG = 100k
AV = –1, VS = 3V, 0V
AV = 1
VS = ±1.5V
AV = 1
VS = 3V, 0V
AV = 1
VS = 3V, 0V
AV = –1
VS = ±1.5V
VS = ±15V
VS = ±15V
AV = –1
VS = ±15V
AV = 1
A
B
C
10V
– 10V
50mV
– 50mV
APPLICATIO S I FOR ATIO
Inputs
The LT1637 has two input stages, NPN and PNP (see the
Simplified Schematic), resulting in three distinct operat-
ing regions as shown in the Input Bias Current vs Common
Mode typical performance curve.
For input voltages about 0.9V or more below V+, the PNP
input stage is active and the input bias current is typically
– 20nA. When the input voltage is about 0.5V or less from
V+, the NPN input stage is operating and the input bias
current is typically 80nA. Increases in temperature will
cause the voltage at which operation switches from the
PNP stage to the NPN stage to move towards V+. The input
offset voltage of the NPN stage is untrimmed and is
typically 600
µV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com