Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1637CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1637CS8 Datasheet HTML 2Page - Linear Technology LT1637CS8 Datasheet HTML 3Page - Linear Technology LT1637CS8 Datasheet HTML 4Page - Linear Technology LT1637CS8 Datasheet HTML 5Page - Linear Technology LT1637CS8 Datasheet HTML 6Page - Linear Technology LT1637CS8 Datasheet HTML 7Page - Linear Technology LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology LT1637CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1637
Input Noise Current vs Frequency
Open-Loop Gain and Phase Shift
vs Frequency
Slew Rate vs Temperature
Gain-Bandwidth Product
vs Temperature
0.1Hz to 10Hz Noise Voltage
Noise Voltage Density
vs Frequency
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Input Overdrive
Output Saturation Voltage
vs Load Current (Output Low)
TYPICAL PERFOR A CE CHARACTERISTICS
SOURCING LOAD CURRENT (mA)
0.0001 0.001
0.01
0.1
1
0.01
0.1
1
10
100
1637 G04
VS = 5V, 0V
VOD = 30mV
TA = 25°C
TA = 125°C
TA = –55°C
SINKING LOAD CURRENT (mA)
0.0001 0.001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1637 G05
VS = 5V, 0V
VOD = 30mV
TA = 125°C
TA = –55°C
TA = 25°C
INPUT OVERDRIVE (mV)
0
60
80
100
80
1637 G06
40
20
50
70
90
30
10
0
20
40
60
10
90
30
50
70
100
OUTPUT HIGH
OUTPUT LOW
VS = 5V, 0V
NO LOAD
FREQUENCY (Hz)
1
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1000
1637 G09
VS = ±15V
FREQUENCY (Hz)
1
20
50
60
70
10
100
1000
1637 G08
40
30
VS = ±15V
FREQUENCY (Hz)
1k
10
20
30
40
50
10k
100k
1M
1637 G10
0
–10
–20
–30
60
70
0
20
40
60
80
100
120
VS = ±2.5V
PHASE
GAIN
TEMPERATURE (
°C)
–50
1300
1200
1100
1000
900
800
700
25
75
1637 G11
–25
0
50
100
125
VS = ±15V
VS = ±1.5V
TEMPERATURE (
°C)
–50
25
1637 G12
– 25
0
50
75
100
125
0.7
0.6
0.5
0.4
0.3
0.2
0.1
FALLING, VS = ±1.5V
FALLING, VS = ±15V
RISING, VS = ±15V
RISING, VS = ±1.5V
TIME (s)
0
8
1637 G07
2
4
6
19
3
5
7
10
VS = ± 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com