Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1637CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1637CS8 Datasheet HTML 1Page - Linear Technology LT1637CS8 Datasheet HTML 2Page - Linear Technology LT1637CS8 Datasheet HTML 3Page - Linear Technology LT1637CS8 Datasheet HTML 4Page - Linear Technology LT1637CS8 Datasheet HTML 5Page - Linear Technology LT1637CS8 Datasheet HTML 6Page - Linear Technology LT1637CS8 Datasheet HTML 7Page - Linear Technology LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1637
GBW
Gain-Bandwidth Product
f = 10kHz
750
1100
kHz
0
°C ≤ TA ≤ 70°C
q
650
kHz
–40
°C ≤ TA ≤ 85°C
q
600
kHz
SR
Slew Rate
AV = – 1, RL = ∞, VO = ±10V, Measure at VO = ±5V
0.225
0.4
V/
µs
0
°C ≤ TA ≤ 70°C
q
0.200
V/
µs
–40
°C ≤ TA ≤ 85°C
q
0.180
V/
µs
The q denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, VOUT = 0V, VSHDN = V – unless otherwise specified. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
±15V ELECTRICAL CHARACTERISTICS
Supply Current vs Supply Voltage
Input Bias Current
vs Common Mode Voltage
Minimum Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
0
10203040
1637 G01
400
350
300
250
200
150
100
50
0
TA = 125°C
TA = 25°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
0
1
2
3
4
5
1637 G02
400
300
200
100
0
–100
–200
–300
–400
TA = 125°C
TA = –55°C
TA = 25°C
COMMON MODE VOLTAGE (V)
4
4.2 4.4 4.6 4.8
5
10 20 30 40 50
40
30
20
10
0.12
0.08
0.04
0
0.04
0.08
1637 G03
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 3: The LT1637 is guaranteed functional over the operating
temperature range of – 40
°C to 85°C.
Note 4: The LT1637C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1637C is designed, characterized and expected to
meet specified performance from – 40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1637I is guaranteed to meet
specified performance from – 40
°C to 85°C.
Note 5: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V or VS = ±22V tests.
Note 6: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V or VS = ±22V tests.
Note 7: Guaranteed by correlation to slew rate at VS = ±15V and GBW at
VS = 3V and VS = ±15V tests.
Note 8: This specification implies a typical input offset voltage of 650
µV at
VCM = 44V and a maximum input offset voltage of 5.4mV at VCM = 44V.
Note 9: This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com