Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1637CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1637CS8 Datasheet HTML 3Page - Linear Technology LT1637CS8 Datasheet HTML 4Page - Linear Technology LT1637CS8 Datasheet HTML 5Page - Linear Technology LT1637CS8 Datasheet HTML 6Page - Linear Technology LT1637CS8 Datasheet HTML 7Page - Linear Technology LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology LT1637CS8 Datasheet HTML 10Page - Linear Technology LT1637CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1637
Gain-Bandwidth Product and
Phase Margin vs Load Resistance
Undistorted Output Swing
vs Frequency
Output Impedance vs Frequency
Settling Time to 0.1%
vs Output Step
Total Harmonic Distortion + Noise
vs Frequency
Capacitive Load Handling,
Overshoot vs Capacitive Load
TYPICAL PERFOR A CE CHARACTERISTICS
Gain-Bandwidth Product and
Phase Margin vs Supply Voltage
CMRR vs Frequency
PSRR vs Frequency
TOTAL SUPPLY VOLTAGE (V)
0
10
20
25
45
1637 G13
515
30
35
40
1300
1250
1200
1150
1100
1050
1000
55
50
45
40
35
30
25
PHASE MARGIN
GAIN BANDWIDTH
FREQUENCY (Hz)
1k
10k
100k
1M
1637 G14
VS = ±1.5V
100
90
80
70
60
50
40
30
20
10
0
VS = ±15V
FREQUENCY (Hz)
1k
10k
100k
1M
1637 G15
VS = ± 2.5V
90
80
70
60
50
40
30
20
10
0
–10
POSITIVE SUPPLY
NEGATIVE SUPPLY
LOAD RESISTANCE (
Ω)
1k
1400
1300
1200
1100
1000
900
800
700
600
10k
100k
1637 G16
50
45
40
35
30
25
20
15
10
PHASE MARGIN
GAIN BANDWIDTH
VS = ±2.5V
FREQUENCY (Hz)
100
0.1
10
10k
1k
100k
1M
10k
1637 G17
1
100
1k
VS = ±2.5V
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
100
20
25
30
35
1k
10k
100k
1637 G18
15
10
5
0
Vs = ±15V
Vs = ±2.5V
DISTORTION
≤ 1%
AV = 1
SETTLING TIME (
µs)
0
–10
–8
–4
–2
0
10
4
10
20
1637 G19
–6
6
8
2
30
40
AV = 1
AV = 1
AV = –1
VS = ±15V
AV = –1
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
1637 G20
30
20
10
0
90
100
VS = ±2.5V
NO OUTPUT COMPENSATION
AV = 1
AV = 5
AV = 2
AV = 10
FREQUENCY (Hz)
10
0.0001
0.01
10
100
10k
100k
1k
1637 G21
0.001
0.1
1
VS = 3V, 0V
VOUT = 1.8VP-P
VCM = 1.2V
RL =10k
AV = –1
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com