Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1637CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1637CS8 Datasheet HTML 1Page - Linear Technology LT1637CS8 Datasheet HTML 2Page - Linear Technology LT1637CS8 Datasheet HTML 3Page - Linear Technology LT1637CS8 Datasheet HTML 4Page - Linear Technology LT1637CS8 Datasheet HTML 5Page - Linear Technology LT1637CS8 Datasheet HTML 6Page - Linear Technology LT1637CS8 Datasheet HTML 7Page - Linear Technology LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1637
The LT
®1637 is a rugged op amp that operates on all single
and split supplies with a total voltage of 2.7V to 44V. The
LT1637 has a gain-bandwidth product of 1.1MHz while
drawing less than 250
µAofquiescentcurrent.TheLT1637
can be shut down, making the output high impedance and
reducing the quiescent current to only 3
µA. The LT1637 is
reverse supply protected: it draws virtually no current for
reverse supply up to 25V. The input range of the LT1637
includes both supplies and the output swings to both
supplies. Unlike most micropower op amps, the LT1637
can drive heavy loads; its rail-to-rail output drives 25mA.
The LT1637 is unity-gain stable into all capacitive loads up
to 4700pF when optional 0.22
µF and 150Ω compensation
is used.
The LT1637 has a unique input stage that operates and
remains high impedance when above the positive supply.
The inputs take 44V both differential and common mode,
even when operating on a 3V supply. Built-in resistors
protect the inputs for faults below the negative supply up
to 22V. There is no phase reversal of the output for inputs
5V below VEE or 44V above VEE, independent of VCC.
The LT1637 op amp is available in the 8-pin MSOP, PDIP
and SO packages.
s
Battery or Solar Powered Systems:
Portable Instrumentation
Sensor Conditioning
s
Supply Current Sensing
s
Battery Monitoring
s
MUX Amplifiers
s
4mA to 25mA Transmitters
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Operates with Inputs Above V +
s
Rail-to-Rail Input and Output
s
Micropower: 250
µA Supply Current Max
s
Gain-Bandwidth Product: 1.1MHz
s
Slew Rate: 0.4V/
µs
s
Low Input Offset Voltage: 350
µV Max
s
Single Supply Input Range: – 0.4V to 44V
s
High Output Current: 25mA Min
s
Specified on 3V, 5V and
±15V Supplies
s
Output Shutdown
s
Output Drives 4700pF with Output Compensation
s
Reverse Battery Protection to 25V
s
High Voltage Gain: 800V/mV
s
High CMRR: 110dB
Over-The-Top is a trademark of Linear Technology Corporation.
Over-The-Top
TM Current Source with Shutdown
SHDN
IOUT
LT1004-1.2
4.7
µF
2k
*OPTIONAL FOR LOW OUTPUT CURRENTS,
R* = R
R
4V TO 44V
TP0610
1637 TA01
R*
–
+
LT1637
IOUT =
e.g., 10mA = 120
Ω
1.2
R
+
VSHDN
6V
4V
2V
0V
10mA
5mA
0mA
IOUT
100
µs/DIV
1637 TA01b
Switchable Precision Current Source
Current Source Timing
APPLICATIO S
TYPICAL APPLICATIO
1.1MHz, 0.4V/
µs
Over-The-Top Micropower, Rail-To-Rail
Input and Output Op Amp
FEATURES
DESCRIPTIO


Similar Part No. - LT1637CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1637CS8 LINER-LT1637CS8 Datasheet
356Kb / 16P
1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
More results

Similar Description - LT1637CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1638 LINER-LT1638 Datasheet
323Kb / 12P
1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1637 LINER-LT1637_1 Datasheet
356Kb / 16P
1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1638 LINER-LT1638_1 Datasheet
245Kb / 16P
1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1638 LINER-LT1638_15 Datasheet
262Kb / 18P
1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com