Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2179CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT2179CS
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2179CS Datasheet(HTML) 1 Page - Linear Technology

  LT2179CS Datasheet HTML 1Page - Linear Technology LT2179CS Datasheet HTML 2Page - Linear Technology LT2179CS Datasheet HTML 3Page - Linear Technology LT2179CS Datasheet HTML 4Page - Linear Technology LT2179CS Datasheet HTML 5Page - Linear Technology LT2179CS Datasheet HTML 6Page - Linear Technology LT2179CS Datasheet HTML 7Page - Linear Technology LT2179CS Datasheet HTML 8Page - Linear Technology LT2179CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT 2178/LT 2179
17
µA Max, Dual and Quad,
Single Supply, Precision Op Amps
FEATURES
s
SO Package with Standard Pinout
s
Supply Current per Amplifier: 17
µA Max
s
Offset Voltage: 70
µV Max
s
Offset Current: 250pA Max
s
Input Bias Current: 5nA Max
s
Voltage Noise: 0.9
µVP-P, 0.1Hz to 10Hz
s
Current Noise: 1.5pAP-P, 0.1Hz to 10Hz
s
Offset Voltage Drift: 0.5
µV/°C
s
Gain Bandwidth Product: 85kHz
s
Slew Rate: 0.04V/
µs
s
Single Supply Operation
Input Voltage Range Includes Ground
Output Swings to Ground while Sinking Current
No Pull-Down Resistors Needed
s
Output Sources and Sinks 5mA Load Current
DESCRIPTION
The LT
®2178 is a micropower dual op amp in a surface
mount standard 8-pin configuration, the LT2179 is a
micropower quad op amp offered in a surface mount 14-pin
package. Both devices are optimized for single supply opera-
tion at 5V. Specifications are also provided at
±15V supply.
The extremely low supply current is combined with true
precision specifications: offset voltage is 30
µV and offset
current is 50pA. Both offset parameters have low drift
with temperature. The 1.5pAP-P current noise and
picoampere offset current permit the use the megohm
level source resistors without introducing serious errors.
Voltage noise, at 0.9
µVP-P, is remarkably low considering
the low supply current.
The LT2178/LT2179 can be operated from a single supply
(as low as one lithium-cell or two NiCd batteries). The input
range goes below ground. The all-NPN output stage swings
to within a few millivolts of ground while sinking current. No
power consuming pull down resistors are needed.
For surface mount applications where three times higher
supply current is acceptable, the micropower LT1077
single, LT2078 dual and LT2079 quad are recommended.
The LT1077/LT2078/LT2079 have significantly higher
bandwidth, slew rate, lower voltage noise and better
output drive capability. For applications requiring DIP
packages refer to the LT1178/LT1179.
s
Battery- or Solar-Powered Systems
Portable Instrumentation
Remote Sensor Amplifier
Satellite Circuitry
s
Micropower Sample-and-Hold
s
Thermocouple Amplifier
s
Micropower Filters
APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
Self-Buffered, Dual Output, Micropower Reference
Supply Current vs Temperature
2
3
5
6
1/2 LT2178
1
0.1
µF
250k
1M*
1M*
LT1004-1.2
4
7
2M
0.1
µF
1.2365V
OUTPUT
1/2 LT2178
2.470V
OUTPUT
4V TO 9V
LT2178/79 • TA01
TOTAL BATTERY CURRENT = 28
µA
OUTPUT ACCURACY =
±0.4% MAX
TEMPERATURE COEFFICIENT = 20ppm/
°C
LOAD REGULATION = 25ppm/mA, I L ≤ 5mA, V
+ ≥ 5V
LINE REGULATION = 10ppm/V
* 0.1% FILM RESISTORS
8
TEMPERATURE (
°C)
–50
–25
0
25
50
LT2178/79 • TPC02
75
20
18
16
14
12
10
100
VS = ±15V
VS = 5V, 0V
VS = ±1.5V


Similar Part No. - LT2179CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT2179 LINER-LT2179 Datasheet
216Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT2179 LINER-LT2179 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT2179 LINER-LT2179 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LT2179 AD-LT2179 Datasheet
802Kb / 26P
6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
Rev E
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT2179CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178 Datasheet
587Kb / 8P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Integrated Syste...
LT1178 LINEAR-LT1178_1 Datasheet
240Kb / 12P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT2178 LINER-LT2178_15 Datasheet
216Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178_15 Datasheet
246Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1179 LINER-LT1179_15 Datasheet
246Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com