Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2179CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT2179CS
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2179CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT2179CS Datasheet HTML 3Page - Linear Technology LT2179CS Datasheet HTML 4Page - Linear Technology LT2179CS Datasheet HTML 5Page - Linear Technology LT2179CS Datasheet HTML 6Page - Linear Technology LT2179CS Datasheet HTML 7Page - Linear Technology LT2179CS Datasheet HTML 8Page - Linear Technology LT2179CS Datasheet HTML 9Page - Linear Technology LT2179CS Datasheet HTML 10Page - Linear Technology LT2179CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT 2178/LT 2179
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Transient Response
VS = ±2.5V
Large-Signal Transient Response
VS = 5V, 0V
Large-Signal Transient Response
VS = ±15V
AV = 1
500
µs/DIV
CL = 12pF
LT2178/79 • TPC13
AV = 1
100
µs/DIV
CL = 12pF
INPUT PULSE = 0V TO 3.8V
LT2178/79 • TPC14
AV = 1
20
µs/DIV
CL = 12pF
LT2178/79 • TPC15
Small-Signal Transient Response
VS = ±15V
AV = 1
20
µs/DIV
CL = 12pF
LT2178/79 • TPC16
AV = 1
20
µs/DIV
CL = 12pF
INPUT PULSE = 50mV TO 150mV
LT2178/79 • TPC17
Small-Signal Transient Response
VS = 5V, 0V
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
1
120
100
80
60
40
20
0
10
100
1k
10k
LT2178/79 • TPC18
100k
TA = 25°C
VS = 5V, 0V
VS = ±15V
Power Supply Rejection Ratio
vs Frequency
OPERATING FREQUENCY (Hz)
0.1
120
100
80
60
40
20
0
1
10
100
1k
LT2178/79 • TPC19
10k
100k
TA = 25°C
VS = ±2.5V + 1VP-P SINE WAVE
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
Closed Loop Output Impedance
FREQUENCY (Hz)
10
1
10
100
10k
100
1k
LT2178/79 • TPC20
1k
10k
100k
ACL = 100
ACL = 10
ACL = 1
TA = 25°C
VS = 5V, 0V
IL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com