Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2179CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT2179CS
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2179CS Datasheet(HTML) 5 Page - Linear Technology

  LT2179CS Datasheet HTML 1Page - Linear Technology LT2179CS Datasheet HTML 2Page - Linear Technology LT2179CS Datasheet HTML 3Page - Linear Technology LT2179CS Datasheet HTML 4Page - Linear Technology LT2179CS Datasheet HTML 5Page - Linear Technology LT2179CS Datasheet HTML 6Page - Linear Technology LT2179CS Datasheet HTML 7Page - Linear Technology LT2179CS Datasheet HTML 8Page - Linear Technology LT2179CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT 2178/LT 2179
ELECTRICAL CHARACTERISTICS VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
LT2178AC/LT2179AC
LT2178C/LT2179C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2178
q
100
480
130
660
µV
LT2179
q
120
550
150
750
µV
∆VOS
Input Offset Voltage Drift
LT2178 (Note 5)
q
0.6
1.8
0.7
2.5
µV/°C
∆T
LT2179
0.7
3.0
0.9
4.0
µV/°C
IOS
Input Offset Current
q
0.06
0.35
0.06
0.35
nA
IB
Input Bias Current
q
36
3
7
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
q
200
800
150
750
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –15V
q
94
104
91
104
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
q
93
110
91
110
dB
Maximum Output Voltage Swing
RL = 5k
q
±11.0
±13.6
±11.0
±13.6
V
IS
Supply Current per Amplifier
q
17
24
18
28
µA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers, i.e., out of 100 LT2179s (or 100
LT2178s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 2: This parameter is tested on a sample basis only. All noise
parameters are tested with VS = ±2.5V, VO = 0V.
Note 3: This parameter is guaranteed by design and is not tested.
Note 4: Power supply rejection ratio is measured at the minimum supply
voltage. The op amps actually work at 1.7V supply but with a typical offset
skew of –300
µV.
Note 5: This parameter is not 100% tested.
Note 6: During testing at –40
°C, the 5V power supply turn-on time is less
than 0.5s.
Note 7: The LT2178C/LT2179C are designed, characterized and expected
to meet the industrial temperature limits, but are not tested at – 40
°C and
85
°C. I-grade parts are guaranteed.
TYPICAL PERFORMANCE CHARACTERISTICS
Distribution of Input
Offset Voltage
POSITIVE SUPPLY VOLTAGE (V)
0
100
0
–100
–200
–300
–400
–500
LT2178/79 • TPC02
1
23
V– = 0V
NONFUCTIONAL
–40
°C
25
°C
85
°C
TEMPERATURE (
°C)
–50
25
50
75
25
75
LT2178/79 • TPC03
–2.5
–3.0
–25
0
50
100
–3.5
–4.0
100
IOS
IB
VS = 5V, 0V
Minimum Supply Voltage
Input Bias and Offset Currents vs
Temperature
OFFSET VOLTAGE (
µV)
–150
0
200
400
600
800
–100
–50
0
50
LT2178/79 • TPC01
100
150
VS = 5V, 0V
TA = 25°C
2500 OP AMPS
TESTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com