Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2179CS Datasheet(PDF) 4 Page - Linear Technology

Part # LT2179CS
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2179CS Datasheet(HTML) 4 Page - Linear Technology

  LT2179CS Datasheet HTML 1Page - Linear Technology LT2179CS Datasheet HTML 2Page - Linear Technology LT2179CS Datasheet HTML 3Page - Linear Technology LT2179CS Datasheet HTML 4Page - Linear Technology LT2179CS Datasheet HTML 5Page - Linear Technology LT2179CS Datasheet HTML 6Page - Linear Technology LT2179CS Datasheet HTML 7Page - Linear Technology LT2179CS Datasheet HTML 8Page - Linear Technology LT2179CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT2178/LT 2179
ELECTRICAL CHARACTERISTICS
LT2178AC/LT2179AC
LT2178C/LT2179C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load (Note 3)
q
150
500
80
500
V/mV
VO = 0.05V to 3.5V, RL = 50k
q
55
160
45
160
V/mV
Maximum Output Voltage
Output Low, No Load
q
8
11
8
11
mV
Swing
Output Low, ISINK = 100µA
q
140
190
140
190
mV
Output High, No Load
q
4.1
4.3
4.1
4.3
V
Output High, 2k to GND
q
3.3
3.8
3.3
3.8
V
IS
Supply Current per Amplifier
q
14
21
15
24
µA
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
VS = ±15V, TA = 25°C, unless otherwise noted.
LT2178AC/LT2178AI
LT2178C/LT2178I
LT2179AC/LT2179AI
LT2179C/LT2179I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2178
70
300
90
400
µV
LT2179
80
350
100
450
µV
IOS
Input Offset Current
0.05
0.25
0.05
0.35
nA
IB
Input Bias Current
3
5
3
6
nA
Input Voltage Range
13.5
13.9
13.5
13.9
V
–15.0
–15.3
–15.0
–15.3
V
CMRR
Common Mode Rejection Ratio
VCM = 13.5V to –15V
96
106
93
106
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
96
112
94
112
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
300
1200
250
1000
V/mV
VO = ±10V, No Load
600
2500
400
2500
V/mV
VOUT
Maximum Output Voltage
RL = 50k
±13.0
±14.2
±13.0
±14.2
V
Swing
RL = 2k
±11.0
±12.7
±11.0
±12.7
V
SR
Slew Rate
AV = 1
0.02
0.04
0.02
0.04
V/
µs
GBW
Gain Bandwidth Product
fO ≤ 5kHz
85
85
kHz
IS
Supply Current per Amplifier
16
21
17
25
µA
VS = ±15V, – 40°C ≤ TA ≤ 85°C for I grades, unless otherwise noted.
LT2178AI/LT2179AI
LT2178I/LT2179I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2178
q
100
650
130
740
µV
LT2179
q
100
650
130
740
µV
∆VOS
Input Offset Voltage Drift
LT2178 (Note 5)
q
0.6
1.8
0.7
2.5
µV/°C
∆T
LT2179
0.7
3.0
0.9
4.0
µV/°C
IOS
Input Offset Current
q
0.07
0.70
0.1
1.0
nA
IB
Input Bias Current
q
37
4
8
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
q
150
500
100
500
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –14.9V
q
90
105
88
103
dB
PSRR
Power Supply Rejection Ratio
VS = 0V, 5V to ±18V
q
92
110
88
109
dB
Maximum Output Voltage Swing RL = 5k
q
±11.0
±13.5
±11.0
±13.5
V
IS
Supply Current per Amplifier
q
18
28
19
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com