Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2179CS Datasheet(PDF) 3 Page - Linear Technology

Part # LT2179CS
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2179CS Datasheet(HTML) 3 Page - Linear Technology

  LT2179CS Datasheet HTML 1Page - Linear Technology LT2179CS Datasheet HTML 2Page - Linear Technology LT2179CS Datasheet HTML 3Page - Linear Technology LT2179CS Datasheet HTML 4Page - Linear Technology LT2179CS Datasheet HTML 5Page - Linear Technology LT2179CS Datasheet HTML 6Page - Linear Technology LT2179CS Datasheet HTML 7Page - Linear Technology LT2179CS Datasheet HTML 8Page - Linear Technology LT2179CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT 2178/LT 2179
ELECTRICAL CHARACTERISTICS V
S = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C, unless otherwise noted.
LT2178AC/LT2178AI
LT2178C/LT2178I
LT2179AC/LT2179AI
LT2179C/LT2179I
SYMBOL
PARAMETER
CONDITIONS (NOTE 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = 0.03V to 4V, No Load (Note 3)
140
700
110
700
V/mV
VO = 0.03V to 3.5V, RL = 50k
80
200
70
200
V/mV
Maximum Output Voltage
Output Low, No Load
6.5
9
6.5
9
mV
Swing
Output Low, 2k to GND
0.2
0.6
0.2
0.6
mV
Output Low, ISINK = 100µA
120
160
120
160
mV
Output High, No Load
4.2
4.4
4.2
4.4
V
Output High, 2k to GND
3.5
3.8
3.5
3.8
V
SR
Slew Rate
AV = 1, CL = 10pF (Note 3)
0.013
0.025
0.013
0.025
V/
µs
GBW
Gain Bandwidth Product
fO ≤ 5kHz
60
60
kHz
IS
Supply Current per Amplifier
13
18
14
21
µA
VS = ±1.5V, VO = 0V
12
17
13
20
µA
Channel Separation
∆VIN = 3V, RL = 10k
110
110
dB
Minimum Supply Voltage
(Note 4)
2.0
2.2
2.0
2.2
V
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, – 40°C ≤ TA ≤ 85°C for I grades, unless otherwise noted. (Note 6)
LT2178AI/LT2179AI
LT2178I/LT2179I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2178
q
70
270
95
370
µV
LT2179
q
80
300
100
400
µV
∆VOS
Input Offset Voltage Drift
LT2178 (Note 5)
q
0.4
1.8
0.5
2.5
µV/°C
∆T
LT2179
0.5
3.0
0.6
3.5
µV/°C
IOS
Input Offset Current
q
0.07
0.70
0.1
1.0
nA
IB
Input Bias Current
q
37
4
8
nA
CMRR
Common Mode Rejection Ratio
VCM = 0.05V to 3.2V
q
86
100
84
98
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 12V
q
88
100
86
100
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load (Note 3)
q
75
350
50
350
V/mV
VO = 0.05V to 3.5V, RL = 50k
q
40
130
30
130
V/mV
Maximum Output Voltage
Output Low, No Load
q
9
13
9
13
mV
Swing
Output Low, ISINK = 100µA
q
160
220
160
220
mV
Output High, No Load
q
3.9
4.2
3.9
4.2
V
Output High, 2k to GND
q
3.0
3.7
3.0
3.7
V
IS
Supply Current per Amplifier
q
15
24
15
27
µA
LT2178AC/LT2179AC
LT2178C/LT2179C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2178
q
50
170
65
250
µV
LT2179
q
60
200
70
290
µV
∆VOS
Input Offset Voltage Drift
LT2178 (Note 5)
q
0.4
1.8
0.5
2.5
µV/°C
∆T
LT2179
0.5
3.0
0.6
3.5
µV/°C
IOS
Input Offset Current
q
0.06
0.35
0.06
0.50
nA
IB
Input Bias Current
q
36
37
nA
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
q
90
101
86
100
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12V
q
90
102
88
102
dB
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, 0°C ≤ TA ≤ 70°C, unless otherwise noted. (Note 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com