Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1044AI Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1044AI
Description  12V CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044AI Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1044AI Datasheet HTML 4Page - Linear Technology LTC1044AI Datasheet HTML 5Page - Linear Technology LTC1044AI Datasheet HTML 6Page - Linear Technology LTC1044AI Datasheet HTML 7Page - Linear Technology LTC1044AI Datasheet HTML 8Page - Linear Technology LTC1044AI Datasheet HTML 9Page - Linear Technology LTC1044AI Datasheet HTML 10Page - Linear Technology LTC1044AI Datasheet HTML 11Page - Linear Technology LTC1044AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1044A
Battery Splitter
A common need in many systems is to obtain (+) and
(–) supplies from a single battery or single power supply
system. Where current requirements are small, the circuit
shown in Figure 9 is a simple solution. It provides sym-
metrical
± output voltages, both equal to one half input
voltage. The output voltages are both referenced to pin 3
(output common). If the input voltage between pin 8 and
pin 5 is less than 6V, pin 6 should also be connected to
pin 3 as shown by the dashed line.
Paralleling for Lower Output Resistance
Additional flexibility of the LTC1044A is shown in Figures
10 and 11.
Figure 10 shows two LTC1044As connected in parallel to
provide a lower effective output resistance. If, however,
the output resistance is dominated by 1/(f
× C1), increas-
ing the capacitor size (C1) or increasing the frequency will
be of more benefit than the paralleling circuit shown.
Figure 11 makes use of “stacking” two LTC1044As to
provide even higher voltages. A negative voltage doubler
or tripler can be achieved, depending upon how pin 8 of the
second LTC1044A is connected, as shown schematically
by the switch. The available output current will be dictated/
decreased by the product of the individual power conver-
sion efficiencies and the voltage step-up ratio.
1
2
3
4
8
7
6
5
LTC1044A
+VB/2 (6V)
+VB/2 (–6V)
OUTPUT
COMMON
+
C1
10
µF
VB
12V
C2
10
µF
REQUIRED FOR VB < 6V
LTC1044A • F09
+
Figure 9. Battery Splitter
1
2
3
4
8
7
6
5
LTC1044A
+
C1
10
µF
1
2
3
4
8
7
6
5
LTC1044A
1/4 CD4077
LTC1044A • F10
V+
+
C1
10
µF
C2
20
µF
VOUT = –(V
+)
*
*THE EXCLUSIVE NOR GATE SYNCHRONIZES BOTH LTC1044As TO MINIMIZE RIPPLE
Figure 10. Paralleling for Lower Output Resistance
Figure 11. Stacking for Higher Voltage
1
2
3
4
8
7
6
5
LTC1044A
+
10
µF
V+
–(V+)
10
µF
LTC1044A • F11
10
µF
1
2
3
4
8
7
6
5
LTC1044A
+
10
µF
FOR VOUT = –3V
+
VOUT
FOR VOUT = –2V
+
S
APPLICATI
I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com