Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1044AI Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1044AI
Description  12V CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044AI Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1044AI Datasheet HTML 4Page - Linear Technology LTC1044AI Datasheet HTML 5Page - Linear Technology LTC1044AI Datasheet HTML 6Page - Linear Technology LTC1044AI Datasheet HTML 7Page - Linear Technology LTC1044AI Datasheet HTML 8Page - Linear Technology LTC1044AI Datasheet HTML 9Page - Linear Technology LTC1044AI Datasheet HTML 10Page - Linear Technology LTC1044AI Datasheet HTML 11Page - Linear Technology LTC1044AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1044A
TYPICAL APPLICATIO S
Low Output Impedance Voltage Converter
1
2
3
4
8
7
6
5
LTC1044A
100
µF
–5V
1
7
3
48
5V
2
5
6
100
µF
0.33
µF
0.1
µF
0.047
µF
OUTPUT
0V TO 3.5V
0psi to 350psi
–
+
–
+
+
+
2k
GAIN
TRIM
10k
ZERO
TRIM
1.2V REFERENCE TO
A/D CONVERTER FOR
RATIOMETRIC OPERATION
(1mA MAX)
LT1004
1.2V
46k*
100k
LT1413
LTC1044A • F13
220
Ω
39k
301k*
350
Ω PRESSURE
TRANSDUCER
*1% FILM RESISTOR
PRESSURE TRANSDUCER BLH/DHF-350
(CIRCLED LETTER IS PIN NUMBER)
100
Ω*
D
A
E
0V
≈ –1.2V
C
Single 5V Strain Gauge Bridge Signal Conditioner
LTC1044A
8
100
µF
LTC1044 • F12
10
µF
OUTPUT
76
5
12
3
10
µF
4
+
+
–
+
50k
39k
LM10
4
8
*VIN ≥ –VOUT + 0.5V
LOAD REGULATION ±0.02%, 0mA TO 15mA
1
6
8.2k
50k
VOUT
ADJ
7
3
VIN*
2
200k
200k
0.1
µF
39k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com