Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1044AI Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1044AI
Description  12V CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044AI Datasheet(HTML) 1 Page - Linear Technology

  LTC1044AI Datasheet HTML 1Page - Linear Technology LTC1044AI Datasheet HTML 2Page - Linear Technology LTC1044AI Datasheet HTML 3Page - Linear Technology LTC1044AI Datasheet HTML 4Page - Linear Technology LTC1044AI Datasheet HTML 5Page - Linear Technology LTC1044AI Datasheet HTML 6Page - Linear Technology LTC1044AI Datasheet HTML 7Page - Linear Technology LTC1044AI Datasheet HTML 8Page - Linear Technology LTC1044AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1044A
12V CMOS
Voltage Converter
DESCRIPTIO
S
FEATURE
S
APPLICATI
s
1.5V to 12V Operating Supply Voltage Range
s
13V Absolute Maximum Rating
s
200
µA Maximum No Load Supply Current at 5V
s
Boost Pin (Pin 1) for Higher Switching Frequency
s
97% Minimum Open Circuit Voltage Conversion
Efficiency
s
95% Minimum Power Conversion Efficiency
s
IS = 1.5µA with 5V Supply When OSC Pin = 0V or V
+
s
High Voltage Upgrade to ICL7660/LTC1044
s
Conversion of 10V to
±10V Supplies
s
Conversion of 5V to
±5V Supplies
s
Precise Voltage Division: VOUT = VIN/2 ±20ppm
s
Voltage Multiplication: VOUT = ±nVIN
s
Supply Splitter: VOUT = ±VS/2
s
Automotive Applications
s
Battery Systems with 9V Wall Adapters/Chargers
The LTC1044A is a monolithic CMOS switched-capacitor
voltage converter. It plugs in for ICL7660/LTC1044 in
applications where higher input voltage (up to 12V) is
needed. The LTC1044A provides several conversion func-
tions without using inductors. The input voltage can be
inverted (VOUT = – VIN), doubled (VOUT = 2VIN), divided
(VOUT = VIN/2) or multiplied (VOUT = ±nVIN).
To optimize performance in specific applications, a boost
function is available to raise the internal oscillator fre-
quency by a factor of 7. Smaller external capacitors can be
used in higher frequency operation to save board space.
The internal oscillator can also be disabled to save power.
The supply current drops to 1.5
µA at 5V input when the
OSC pin is tied to GND or V +.
APPLICATI
TYPICAL
Generating – 10V from 10V
Output Voltage vs Load Current, V + = 10V
LOAD CURRENT (mA)
0
–4
–2
0
40
LTC1044A • TA02
–6
–8
–5
–3
–1
–7
–9
–10
10 20 30
50 60 70 80 90 100
TA = 25°C
C1 = C2 = 10
µF
SLOPE = 45
Ω
1
2
3
4
8
7
6
5
LTC1044A
V+
OSC
LV
VOUT
BOOST
CAP+
GND
CAP–
+
10
µF
10
µF
10V INPUT
–10V OUTPUT
LTC1044A • TA01


Similar Part No. - LTC1044AI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1044A LINER-LTC1044A Datasheet
221Kb / 14P
12V CMOS Voltage Converter
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
12V CMOS Voltage Converter
More results

Similar Description - LTC1044AI

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
100mA CMOS Voltage Converter
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
CMOS VOLTAGE CONVERTER
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
CMOS Voltage Converter
January 9, 2006
logo
Linear Technology
LTC660 LINER-LTC660_15 Datasheet
238Kb / 12P
100mA CMOS Voltage Converter
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
12V CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
CMOS Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com