Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1044AI Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1044AI
Description  12V CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044AI Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1044AI Datasheet HTML 3Page - Linear Technology LTC1044AI Datasheet HTML 4Page - Linear Technology LTC1044AI Datasheet HTML 5Page - Linear Technology LTC1044AI Datasheet HTML 6Page - Linear Technology LTC1044AI Datasheet HTML 7Page - Linear Technology LTC1044AI Datasheet HTML 8Page - Linear Technology LTC1044AI Datasheet HTML 9Page - Linear Technology LTC1044AI Datasheet HTML 10Page - Linear Technology LTC1044AI Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1044A
Capacitor Selection
External capacitors C1 and C2 are not critical. Matching
is not required, nor do they have to be high quality or
tight tolerance. Aluminum or tantalum electrolytics are
excellent choices with cost and size being the only
consideration.
Negative Voltage Converter
Figure 6 shows a typical connection which will provide a
negative supply from an available positive supply. This
circuit operates over full temperature and power supply
ranges
without the need of any external diodes. The LV
pin (pin 6) is shown grounded, but for V +
≥ 3V it may be
“floated”, since LV is internally switched to ground (pin 3)
for V +
≥ 3V.
The output voltage (pin 5) characteristics of the circuit are
those of a nearly ideal voltage source in series with an 80
Ω
resistor. The 80
Ω output impedance is composed of two
terms:
1. The equivalent switched-capacitor resistance (see
Theory of Operation).
2. A term related to the on-resistance of the MOS
switches.
At an oscillator frequency of 10kHz and C1 = 10
µF, the first
term is:
REQUIV =
=
= 20
Ω
1
(fOSC/2) × C1
1
5
× 103 × 10 × 10–6
Notice that the above equation for REQUIV is not a capaci-
tive reactance equation (XC = 1/ωC) and does not contain
a 2
π term.
Figure 6. Negative Voltage Converter
The exact expression for output resistance is extremely
complex, but the dominant effect of the capacitor is clearly
shown on the typical curves of Output Resistance and
Power Efficiency vs Frequency. For C1 = C2 = 10
µF, the
output impedance goes from 60
ΩatfOSC=10kHzto200Ω
at fOSC = 1kHz. As the 1/(f × C) term becomes large
compared to the switch-on resistance term, the output
resistance is determined by 1/(f
× C) only.
Voltage Doubling
Figure 7 shows a two-diode capacitive voltage doubler.
With a 5V input, the output is 9.93V with no load and 9.13V
with a 10mA load. With a 10V input, the output is 19.93V
with no load and 19.28V with a 10mA load.
1
2
3
4
8
7
6
5
LTC1044A
VIN
(1.5V TO 12V)
VOUT = 2(VIN – 1)
Vd
1N5817
Vd
1N5817
REQUIRED
FOR V+ < 3V
LTC1044A • F07
+
+
+
+
10
µF10µF
Figure 7. Voltage Doubler
Ultra-Precision Voltage Divider
An ultra-precision voltage divider is shown in Figure 8. To
achieve the 0.0002% accuracy indicated, the load current
should be kept below 100nA. However, with a slight loss
in accuracy the load current can be increased.
Figure 8. Ultra-Precision Voltage Divider
1
2
3
4
8
7
6
5
LTC1044A
VOUT = – V
+
REQUIRED FOR V+ < 3V
V+ (1.5V TO 12V)
TMIN ≤ TA ≤ TMAX
+
10
µF
10
µF
LTC1044A • F06
1
2
3
4
8
7
6
5
LTC1044A
V+ (3V TO 24V)
+
C1
10
µF
V+/2 ±0.002%
+
C2
10
µF
REQUIRED FOR
V+ < 6V
LTC1044A • F08
TMIN ≤ TA ≤ TMAX
IL ≤ 100nA
S
APPLICATI
I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com