Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1044AI Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1044AI
Description  12V CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044AI Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1044AI Datasheet HTML 4Page - Linear Technology LTC1044AI Datasheet HTML 5Page - Linear Technology LTC1044AI Datasheet HTML 6Page - Linear Technology LTC1044AI Datasheet HTML 7Page - Linear Technology LTC1044AI Datasheet HTML 8Page - Linear Technology LTC1044AI Datasheet HTML 9Page - Linear Technology LTC1044AI Datasheet HTML 10Page - Linear Technology LTC1044AI Datasheet HTML 11Page - Linear Technology LTC1044AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1044A
TYPICAL APPLICATIO S
Low Dropout 5V Regulator
Regulated Output 3V to 5V Converter
1
2
3
4
8
7
6
5
LTC1044A
+
10
µF
12V
8
1N914
V–
V+
LT1013
2
3
46
1
7
30k
50k
OUTPUT
ADJUST
VDROPOUT AT 1mA = 1mV
VDROPOUT AT 10mA = 15mV
VDROPOUT AT 100mA = 95mV
5
FEEDBACK AMP
1N914
SHORT-CIRCUIT
PROTECTION
+
10
µF
200
Ω
100k
1M
LOAD
LTC1044A • F15
100
Ω
2N2219
120k
VOUT = 5V
–
+
–
+
1.2k
LT1004
1.2V
6V
4 EVEREADY
E-91 CELLS
0.01
Ω
1
2
3
4
8
7
6
5
LTC1044A
+
LM10
REF
AMP
1M
7
1
6
4
8
2
3
100
µF
+
10
µF
3V
330k
EVEREADY
EXP-30
1N914
1N914
4.8M
5V
OUTPUT
OP
AMP
200
Ω
1k
1k
150k
LTC1044A • F14
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com