Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1100CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1100CS
Description  Precision, Chopper-Stabilized Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1100CS Datasheet(HTML) 8 Page - Linear Technology

  LTC1100CS Datasheet HTML 1Page - Linear Technology LTC1100CS Datasheet HTML 2Page - Linear Technology LTC1100CS Datasheet HTML 3Page - Linear Technology LTC1100CS Datasheet HTML 4Page - Linear Technology LTC1100CS Datasheet HTML 5Page - Linear Technology LTC1100CS Datasheet HTML 6Page - Linear Technology LTC1100CS Datasheet HTML 7Page - Linear Technology LTC1100CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC1100
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
J8 Package
8-Lead Ceramic DIP
LT/GP 0594 2K REV B • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1994
0.290 – 0.320
(7.366 – 8.128)
0.008 – 0.018
(0.203 – 0.457)
0° – 15°
0.385 ± 0.025
(9.779 ± 0.635)
0.005
(0.127)
MIN
0.405
(10.287)
MAX
0.220 – 0.310
(5.588 – 7.874)
12
3
4
87
65
0.025
(0.635)
RAD TYP
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
0.014 – 0.026
(0.360 – 0.660)
0.200
(5.080)
MAX
0.015 – 0.060
(0.381 – 1.524)
0.125
3.175
MIN
0.100 ± 0.010
(2.540 ± 0.254)
0.045 – 0.068
(1.143 – 1.727)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP OR TIN PLATE LEADS.
N8 Package
8-Lead Plastic DIP
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
S Package
16-Lead Plastic SOL
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
NOTE 1
0.398 – 0.413
(10.109 – 10.490)
(NOTE 2)
16
15
14
13
12
11
10
9
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0° – 8° TYP
NOTE 1
0.005
(0.127)
RAD MIN
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
(NOTE 2)
× 45°
0.010 – 0.029
(0.254 – 0.737)
2. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com